전자부품 데이터시트 검색엔진 |
|
GS840E36AB-150I 데이터시트(PDF) 5 Page - GSI Technology |
|
GS840E36AB-150I 데이터시트(HTML) 5 Page - GSI Technology |
5 / 31 page GS840E18/32/36AT/B-190/180/166/150/100 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.12 10/2004 5/31 © 1999, GSI Technology TQFP Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter preset Inputs A I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BW I Byte Write—Writes all enabled bytes; active low BA, BB I Byte Write Enable for DQA, DQB Data I/’s; active low BC, BD I Byte Write Enable for DQC, DQD Data I/Os; active low CK I Clock Input Signal; active high GW I Global Write Enable—Writes all bytes; active low E1, E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active low ADSP, ADSC I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep Mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply NC - No Connect |
유사한 부품 번호 - GS840E36AB-150I |
|
유사한 설명 - GS840E36AB-150I |