전자부품 데이터시트 검색엔진 |
|
GS8161Z18BD-250V 데이터시트(PDF) 4 Page - GSI Technology |
|
GS8161Z18BD-250V 데이터시트(HTML) 4 Page - GSI Technology |
4 / 35 page 100-Pin TQFP Pin Descriptions Symbol Type Description A0, A1 In Burst Address Inputs; Preload the burst counter A In Address Inputs CK In Clock Input Signal BA In Byte Write signal for data inputs DQA1–DQA9; active low BB In Byte Write signal for data inputs DQB1–DQB9; active low BC In Byte Write signal for data inputs DQC1–DQC9; active low BD In Byte Write signal for data inputs DQD1–DQD9; active low W In Write Enable; active low E1 In Chip Enable; active low E2 In Chip Enable—Active High. For self decoded depth expansion E3 In Chip Enable—Active Low. For self decoded depth expansion G In Output Enable; active low ADV In Advance/Load; Burst address counter control pin CKE In Clock Input Buffer Enable; active low NC — No Connect DQA I/O Byte A Data Input and Output pins DQB I/O Byte B Data Input and Output pins DQC I/O Byte C Data Input and Output pins DQD I/O Byte D Data Input and Output pins ZZ In Power down control; active high FT In Pipeline/Flow Through Mode Control; active low LBO In Linear Burst Order; active low. VDD In Core power supply VSS In Ground VDDQ In Output driver power supply GS8161ZxxB(T/D)-xxxV Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01a 6/2006 4/35 © 2004, GSI Technology |
유사한 부품 번호 - GS8161Z18BD-250V |
|
유사한 설명 - GS8161Z18BD-250V |