전자부품 데이터시트 검색엔진 |
|
GS8162Z18BGB-150V 데이터시트(PDF) 6 Page - GSI Technology |
|
GS8162Z18BGB-150V 데이터시트(HTML) 6 Page - GSI Technology |
6 / 33 page GS8162ZxxB(B/D)-xxxV Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01a 6/2006 6/33 © 2004, GSI Technology GS8162Z18/36-xxxV 119-Bump and 165-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs A I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low NC — No Connect CK I Clock Input Signal; active high CKE I Clock Enable; active low W I Write Enable; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active high ZZ I Sleep mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low ZQ I FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply BPR1999.05.18 |
유사한 부품 번호 - GS8162Z18BGB-150V |
|
유사한 설명 - GS8162Z18BGB-150V |