전자부품 데이터시트 검색엔진 |
|
GS8180QV18D-100I 데이터시트(PDF) 7 Page - GSI Technology |
|
GS8180QV18D-100I 데이터시트(HTML) 7 Page - GSI Technology |
7 / 32 page GS8180QV18/36D-200/167/133/100* Rev: 2.03 10/2004 7/32 © 2002, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Output Register Control SigmaQuad SRAMs offer two mechanisms for controlling the output data registers. Typically, control is handled by the Output Register Clock inputs, C and C. The Output Register Clock inputs can be used to make small phase adjustments in the firing of the output registers by allowing the user to delay driving data out as much as a few nanoseconds beyond the next rising edges of the K and K clocks. If the C and C clock inputs are tied high, the RAM reverts to K and K control of the outputs, allowing the RAM to function as a conventional pipelined read SRAM. Example x18 RAM Write Sequence using Byte Write Enables Data In Sample Time BW0 BW1 D0–D8 D9–D17 Beat 1 0 1 Data In Don’t Care Beat 2 1 0 Don’t Care Data In Resulting Write Operation Beat 1 D0–D8 Beat 1 D9–D17 Beat 2 D0–D8 Beat 2 D9–D17 Written Unchanged Unchanged Written |
유사한 부품 번호 - GS8180QV18D-100I |
|
유사한 설명 - GS8180QV18D-100I |