전자부품 데이터시트 검색엔진 |
|
GS8320V36GT-133I 데이터시트(PDF) 11 Page - GSI Technology |
|
GS8320V36GT-133I 데이터시트(HTML) 11 Page - GSI Technology |
11 / 24 page GS8320V18/32/36T-250/225/200/166/150/133 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02 10/2004 11/24 © 2003, GSI Technology Simplified State Diagram with G First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R W R X X X CR R CW CR CR W CW W CW Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of “Dummy Reads” (Read Cycles with G High) may be used to make the transition from Read cycles to Write cycles without passing through a Deselect cycle. Dummy Read cycles increment the address counter just like normal read cycles. 3. Transitions shown in gray tone assume G has been pulsed high long enough to turn the RAM’s drivers off and for incoming data to meet Data Input Set Up Time. |
유사한 부품 번호 - GS8320V36GT-133I |
|
유사한 설명 - GS8320V36GT-133I |