전자부품 데이터시트 검색엔진 |
|
GS8342Q36E-300I 데이터시트(PDF) 8 Page - GSI Technology |
|
GS8342Q36E-300I 데이터시트(HTML) 8 Page - GSI Technology |
8 / 34 page Preliminary GS8342Q08/09/18/36E-300/250/200/167 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02 8/2005 8/34 © 2003, GSI Technology SigmaQuad-II B2 SRAM DDR Write The write port samples the status of the W pin at each rising edge of K and the Address Input pins on the following rising edge of K. A low on the Write Enable-bar pin, W, begins a write cycle. The first of the data-in pairs associated with the write command is clocked in with the same rising edge of K used to capture the write command. The second of the two data in transfers is captured on the rising edge of K along with the write address. Clocking in a high on W causes a write port deselect cycle. SigmaQuad-II B2 Double Data Rate SRAM Write First Write A Read B Read C Write D NOP Read E Write F Read G Write H NOP A B C D E F G H A A+1 D D+1 F F+1 H H+1 A A+1 D D+1 F F+1 H H+1 B B+1 C C+1 E E+1 K K Address R W BWx D C C Q CQ CQ SigmaQuad-II B4 SRAM DDR Read Special Functions Byte Write and Nybble Write Control Byte Write Enable pins are sampled at the same time that Data In is sampled. A high on the Byte Write Enable pin associated with a particular byte (e.g., BW0 controls D0–D8 inputs) will inhibit the storage of that particular byte, leaving whatever data may be stored at the current address at that byte location undisturbed. Any or all of the Byte Write Enable pins may be driven high or low during the data in sample times in a write sequence. Each write enable command and write address loaded into the RAM provides the base address for a 2 beat data transfer. The x18 version of the RAM, for example, may write 36 bits in association with each address loaded. Any 9-bit byte may be masked in any write sequence. Nybble Write (4-bit) control is implemented on the 8-bit-wide version of the device. For the x8 version of the device, “Nybble Write Enable” and “NBx” may be substituted in all the discussion above. |
유사한 부품 번호 - GS8342Q36E-300I |
|
유사한 설명 - GS8342Q36E-300I |