전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS816272CC-V 데이터시트(PDF) 11 Page - GSI Technology

부품명 GS816272CC-V
상세설명  256K x 72 18Mb S/DCD Sync Burst SRAMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CC-V 데이터시트(HTML) 11 Page - GSI Technology

Back Button GS816272CC-V Datasheet HTML 7Page - GSI Technology GS816272CC-V Datasheet HTML 8Page - GSI Technology GS816272CC-V Datasheet HTML 9Page - GSI Technology GS816272CC-V Datasheet HTML 10Page - GSI Technology GS816272CC-V Datasheet HTML 11Page - GSI Technology GS816272CC-V Datasheet HTML 12Page - GSI Technology GS816272CC-V Datasheet HTML 13Page - GSI Technology GS816272CC-V Datasheet HTML 14Page - GSI Technology GS816272CC-V Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
GS816272CC-xxxV
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 6/2006
11/29
© 2004, GSI Technology
VDDQ2 & VDDQ1 Range Logic Levels
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
VDD Input High Voltage
VIH
0.6*VDD
VDD + 0.3
V
1
VDD Input Low Voltage
VIL
–0.3
0.3*VDD
V
1
Notes:
1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica-
tions quoted are evaluated for worst case in the temperature range marked on the device.
2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
Recommended Operating Temperatures
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Ambient Temperature (Commercial Range Versions)
TA
0
25
70
°C
2
Ambient Temperature (Industrial Range Versions)
TA
–40
25
85
°C
2
Notes:
1. The part numbers of Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifica-
tions quoted are evaluated for worst case in the temperature range marked on the device.
2. Input Under/overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
20% tKC
VSS – 2.0 V
50%
VSS
VIH
Undershoot Measurement and Timing
Overshoot Measurement and Timing
20% tKC
VDD + 2.0 V
50%
VDD
VIL
Capacitance
oC, f = 1 MHZ, VDD
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
4
5
pF
Input/Output Capacitance
CI/O
VOUT = 0 V
6
7
pF
Note:
These parameters are sample tested.
(TA = 25
= 2.5 V)


유사한 부품 번호 - GS816272CC-V

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS816272CC-150 GSI-GS816272CC-150 Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-150I GSI-GS816272CC-150I Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-200 GSI-GS816272CC-200 Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-200I GSI-GS816272CC-200I Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC-250 GSI-GS816272CC-250 Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
More results

유사한 설명 - GS816272CC-V

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC GSI-GS816273CC Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS8162V72CC GSI-GS8162V72CC Datasheet
661Kb / 29P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272CC GSI-GS816272CC Datasheet
868Kb / 31P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816273CC-250V GSI-GS816273CC-250V Datasheet
1Mb / 28P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com