전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT544DB 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74ABT544DB
상세설명  Octal latched transceiver with dual enable, inverting 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT544DB 데이터시트(HTML) 1 Page - NXP Semiconductors

  74ABT544DB Datasheet HTML 1Page - NXP Semiconductors 74ABT544DB Datasheet HTML 2Page - NXP Semiconductors 74ABT544DB Datasheet HTML 3Page - NXP Semiconductors 74ABT544DB Datasheet HTML 4Page - NXP Semiconductors 74ABT544DB Datasheet HTML 5Page - NXP Semiconductors 74ABT544DB Datasheet HTML 6Page - NXP Semiconductors 74ABT544DB Datasheet HTML 7Page - NXP Semiconductors 74ABT544DB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
General description
The 74ABT544 high-performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive.
The 74ABT544 octal latched transceiver contains two sets of D-type latches for temporary
storage of data flowing in either direction. Separate latch enable (LEAB and LEBA) and
output enable (OEAB and OEBA) inputs are provided for each register to permit
independent control of data transfer in either direction. The outputs are guaranteed to sink
64 mA.
The 74ABT544 contains two sets of eight D-type latches, with separate control pins for
each set. Using data flow from A to B as an example, when the A-to-B enable (EAB) input
and the A-to-B latch enable (LEAB) input are LOW, the A-to-B path is transparent.
A subsequent LOW-to-HIGH transition of the LEAB signal puts the A data into the latches
where it is stored and the B outputs no longer change with the A inputs. With EAB and
OEAB both LOW, the 3-state B output buffers are active and invert the data present at the
outputs of the A latches.
Control of data flow from B to A is similar, but using the EBA, LEBA and OEBA inputs.
2.
Features
s Combines 74ABT640 and 74ABT373 type functions in one device
s 8-bit octal transceiver with D-type latch
s Back-to-back registers for storage
s Separate controls for data flow in each direction
s Output capability: +64 mA and
−32 mA
s Live insertion and extraction permitted
s Power-up 3-state
s Power-up reset
s Latch-up protection:
x JESD78: exceeds 500 mA
s ESD protection:
x MIL STD 883 method 3015: exceeds 2000 V
x Machine model: exceeds 200 V
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03 — 20 April 2005
Product data sheet


유사한 부품 번호 - 74ABT544DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT544DB PHILIPS-74ABT544DB Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544DB NXP-74ABT544DB Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
More results

유사한 설명 - 74ABT544DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com