전자부품 데이터시트 검색엔진 |
|
GS832136E-200I 데이터시트(PDF) 7 Page - GSI Technology |
|
GS832136E-200I 데이터시트(HTML) 7 Page - GSI Technology |
7 / 32 page Mode Pin Functions Mode Name Pin Name State Function Burst Order Control LBO L Linear Burst H Interleaved Burst Output Register Control FT L Flow Through H or NC Pipeline Power Down Control ZZ L or NC Active H Standby, IDD = ISB GS832118/32/36E-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 4/2005 7/32 © 2003, GSI Technology Note: There are pull-up devices on the FT pin and a pull-down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above tables. Note: The burst counter wraps to initial state on the 5th clock. Note: The burst counter wraps to initial state on the 5th clock. Linear Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0] 1st address 00011011 2nd address 01 10 11 00 3rd address 10 11 00 01 4th address 11000110 Interleaved Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0] 1st address 00011011 2nd address 01 00 11 10 3rd address 10110001 4th address 11100100 Burst Counter Sequences BPR 1999.05.18 |
유사한 부품 번호 - GS832136E-200I |
|
유사한 설명 - GS832136E-200I |