전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT648D 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74ABT648D
상세설명  Octal transceiver/register, inverting 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT648D 데이터시트(HTML) 4 Page - NXP Semiconductors

  74ABT648D Datasheet HTML 1Page - NXP Semiconductors 74ABT648D Datasheet HTML 2Page - NXP Semiconductors 74ABT648D Datasheet HTML 3Page - NXP Semiconductors 74ABT648D Datasheet HTML 4Page - NXP Semiconductors 74ABT648D Datasheet HTML 5Page - NXP Semiconductors 74ABT648D Datasheet HTML 6Page - NXP Semiconductors 74ABT648D Datasheet HTML 7Page - NXP Semiconductors 74ABT648D Datasheet HTML 8Page - NXP Semiconductors 74ABT648D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
74ABT648
Octal bus transceiver/register, inverting (3-State)
1998 Jun 08
4
FUNCTION TABLE
INPUTS
DATA I/O
OPERATING MODE
OE
DIR
CPAB
CPBA
SAB
SBA
An
Bn
X
X
X
X
X
Input
Unspecified
output*
Store A, B unspecified
X
X
X
X
X
Unspecified
output*
Input
Store B, A unspecified
H
H
X
X
H or L
H or L
X
X
X
X
Input
Input
Store A and B data
Isolation, hold storage
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real time B data to A bus
Stored B data to A bus
L
L
H
H
X
H or L
X
X
L
H
X
X
Input
Output
Real time A data to B bus
Stored A data to B bus
H = High voltage level
L
= Low voltage level
X = Don’t care
↑ = Low-to-High clock transition
*
The data output function may be enabled or disabled by various signals at the OE input. Data input functions are always enabled, i.e.,
data at the bus pins will be stored on every Low-to-High transition of the clock.
LOGIC DIAGRAM
1D
C1
Q
19
18
17
16
15
14
13
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
DETAIL A X 7
OE
DIR
CPBA
SBA
CPAB
SAB
20
B0
1D
C1
Q
4
A0
1of 8 Channels
SA00081
5
6
7
8
9
10
11
2
1
22
23
3
21


유사한 부품 번호 - 74ABT648D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640D PHILIPS-74ABT640D Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640DB PHILIPS-74ABT640DB Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640N PHILIPS-74ABT640N Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74ABT640PW PHILIPS-74ABT640PW Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
More results

유사한 설명 - 74ABT648D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
NXP Semiconductors
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com