전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

H05N60 데이터시트(PDF) 2 Page - Hi-Sincerity Mocroelectronics

부품명 H05N60
상세설명  N-Channel Power Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H05N60 데이터시트(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H05N60 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H05N60 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H05N60 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H05N60 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H05N60 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200603
Issued Date : 2006.02.01
Revised Date : 2006.02.07
Page No. : 2/5
H05N60E, H05N60F
HSMC Product Specification
Thermal Characteristics
Symbol
Parameter
Value
Units
TO-220AB
1.3
RθJC
Thermal Resistance Junction to Case Max.
TO-220FP
4
°C/W
RθJA
Thermal Resistance Junction to Ambient Max.
62.5
°C/W
ELectrical Characteristics (Tj=25°C, unless otherwise specified)
Symbol
Characteristic
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-Source Breakdown Voltage (V
GS=0V, ID=250uA)
600
-
-
V
Drain-Source Leakage Current (V
DS=600V, VGS=0V)
-
-
1
uA
I
DSS
Drain-Source Leakage Current (V
DS=480V, VGS=0V, Tj=125°C)
-
-
50
uA
I
GSSF
Gate-Source Leakage Current-Forward (V
gsf=30V, VDS=0V)
-
-
100
nA
I
GSSR
Gate-Source Leakage Current-Reverse (V
gsr=-30V, VDS=0V)
-
-
-100
nA
V
GS(th)
Gate Threshold Voltage (V
DS=VGS, ID=250uA)
2
-
4
V
R
DS(on)
Static Drain-Source On-Resistance (V
GS=10V, ID=2.5A)*
-
-
2.3
g
FS
Forward Transconductance (V
DS=15V, ID=2.5A)*
1.5
-
-
mhos
C
iss
Input Capacitance
-
600
-
C
oss
Output Capacitance
-
150
-
C
rss
Reverse Transfer Capacitance
V
GS=0V, VDS=25V, f=1MHz
-15
-
pF
t
d(on)
Turn-on Delay Time
-
30
-
t
r
Rise Time
-
15
-
t
d(off)
Turn-off Delay Time
-
40
-
t
f
Fall Time
(V
DD=300V, ID=5A, RG=9.1Ω,
V
GS=10V)*
-15
-
ns
Q
g
Total Gate Charge
-
10
-
Q
gs
Gate-Source Charge
-
6
-
Q
gd
Gate-Drain Charge
(V
DS=480V, ID=5A, VGS=10V)*
-4
-
nC
L
D
Internal Drain Inductance (Measured from the drain lead 0.25” from
package to center of die)
-4.5
-
nH
L
S
Internal Drain Inductance (Measured from the drain lead 0.25” from
package to source bond pad)
-7.5
-
nH
*: Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%
Source-Drain Diode
Symbol
Characteristic
Min.
Typ.
Max.
Units
V
SD
Forward On Voltage(1)
I
S=5A, VGS=0V, TJ=25
oC-
-
1.6
V
t
on
Forward Turn-On Time
-
**
-
ns
t
rr
Reverse Recovery Time
I
S=5A, VGS=0V, dIS/dt=100A/us
-
302
-
ns
**: Negligible, Dominated by circuit inductance


유사한 부품 번호 - H05N60

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
H05N50 HSMC-H05N50 Datasheet
48Kb / 4P
   N-CHANNEL POWER MOSFET
H05N50E HSMC-H05N50E Datasheet
48Kb / 4P
   N-CHANNEL POWER MOSFET
H05N50F HSMC-H05N50F Datasheet
48Kb / 4P
   N-CHANNEL POWER MOSFET
logo
Qualtek Electronics Cor...
H05NND3H2U3G100 QUALTEK-H05NND3H2U3G100 Datasheet
341Kb / 1P
   International Power Cords
H05NND3HU3G100 QUALTEK-H05NND3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
More results

유사한 설명 - H05N60

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com