전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

H07N60 데이터시트(PDF) 1 Page - Hi-Sincerity Mocroelectronics

부품명 H07N60
상세설명  N-Channel Power Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H07N60 데이터시트(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H07N60 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H07N60 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H07N60 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H07N60 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H07N60 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200604
Issued Date : 2006.02.01
Revised Date : 2006.02.07
Page No. : 1/5
H07N60E, H07N60F
HSMC Product Specification
H07N60 Series
N-Channel Power Field Effect Transistor
Description
This high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage-blocking capability without degratding
performance over time. In addition, this advanced MOSFET is designed to
withstand high energy in avalanche and commutation modes. The new
energy efficient design also offers a drain-to-source diode with a fast
recovery time. Designed for high voltage, high speed switching
applications in power supplies, converters and PWM motor controls,
these devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional and saafety margin against unexpected voltage transients.
Features
• Robust High Voltage Termination
• Avalanc he Energy Specified
• Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and V
DS(on) Specified at Elevated Temperature
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
D
Drain to Current (Continuous)
7
A
I
DM
Drain to Current (Pulsed)
28
A
V
GS
Gate-to-Source Voltage (Continue)
±30
V
Total Power Dissipation (T
C=25
oC)
H07N60E (TO-220AB)
H07N60F (TO-220FP)
110
40
W
W
P
D
Derate above 25
OC
H07N60E (TO-220AB)
H07N60F (TO-220FP)
0.58
0.33
W/
°C
W/
oC
T
j
Operating Temperature Range
-55 to 150
OC
T
stg
Storage Temperature Range
-55 to 150
OC
E
AS
Single Pulse Drain-to-Source Avalanche Enrgy-Tj=25
OC
(V
DD=100V, VGS=10V, IL=6A, L=10mH, RG=25Ω)
250
mJ
T
L
Maximum Lead Temperature for Soldering Purposes, 1/8”
from case for 10 seconds
260
°C
Note: 1. VDD=50V, ID=10A
2. Pulse Width and frequency is limited by Tj(max) and thermal response
H07N60 Series Pin Assignment
1
2
3
3-Lead Plastic TO-220FP
Package Code: F
Pin 1: Gate
Pin 2: Drain
Pin 3: Source
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
1
2
3
Tab
H07N60 Series
Symbol:
G
D
S


유사한 부품 번호 - H07N60

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
More results

유사한 설명 - H07N60

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com