전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC02D 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AHC02D
상세설명  Quad 2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC02D 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AHC02D Datasheet HTML 1Page - NXP Semiconductors 74AHC02D Datasheet HTML 2Page - NXP Semiconductors 74AHC02D Datasheet HTML 3Page - NXP Semiconductors 74AHC02D Datasheet HTML 4Page - NXP Semiconductors 74AHC02D Datasheet HTML 5Page - NXP Semiconductors 74AHC02D Datasheet HTML 6Page - NXP Semiconductors 74AHC02D Datasheet HTML 7Page - NXP Semiconductors 74AHC02D Datasheet HTML 8Page - NXP Semiconductors 74AHC02D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Sep 23
4
Philips Semiconductors
Product specification
Quad 2-input NOR gate
74AHC02; 74AHCT02
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO packages: above 70
°C the value of PD derates linearly with 8 mW/K.
For TSSOP packages: above 60
°C the value of PD derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient temperature
range
see DC and AC
characteristics per
device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf (∆t/∆f) input rise and fall rates
VCC = 3.3 V ±0.3 V −−
100
−−−
ns/V
VCC =5V ±0.5 V
−−
20
−−
20
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCC
DC supply voltage
−0.5
+7.0
V
VI
input voltage range
−0.5
+7.0
V
IIK
DC input diode current
VI < −0.5 V; note 1
−−20
mA
IOK
DC output diode current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
DC output source or sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC
DC VCC or GND current
−±75
mA
Tstg
storage temperature range
−65
+150
°C
PD
power dissipation per package
for temperature range:
−40 to +125 °C; note 2
500
mW


유사한 부품 번호 - 74AHC02D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC02D NXP-74AHC02D Datasheet
84Kb / 13P
   Quad 2-input NOR gate
Rev. 03-7 January 2008
74AHC02D NXP-74AHC02D Datasheet
94Kb / 14P
   Quad 2-input NOR gate
Rev. 04-21 May 2008
logo
Nexperia B.V. All right...
74AHC02D NEXPERIA-74AHC02D Datasheet
225Kb / 12P
   Quad 2-input NOR gate
Rev. 5 - 11 May 2020
74AHC02D-Q100 NEXPERIA-74AHC02D-Q100 Datasheet
717Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

유사한 설명 - 74AHC02D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com