전자부품 데이터시트 검색엔진 |
|
74AHC125 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
74AHC125 데이터시트(HTML) 7 Page - NXP Semiconductors |
7 / 16 page 1999 Sep 27 7 Philips Semiconductors Product specification Quad buffer/line driver; 3-state 74AHC125; 74AHCT125 74AHCT family Over recommended operating conditions; voltages are referenced to GND (ground=0V). SYMBOL PARAMETER TEST CONDITIONS Tamb (°C) UNIT OTHER VCC (V) 25 −40 to +85 −40 to +125 MIN. TYP. MAX. MIN. MAX. MIN. MAX. VIH HIGH-level input voltage 4.5 to 5.5 2.0 −− 2.0 − 2.0 − V VIL LOW-level input voltage 4.5 to 5.5 −− 0.8 − 0.8 − 0.8 V VOH HIGH-level output voltage; all outputs VI =VIH or VIL; IO = −50 µA 4.5 4.4 4.5 − 4.4 − 4.4 − V HIGH-level output voltage VI =VIH or VIL; IO = −8.0 mA 4.5 3.94 −− 3.8 − 3.70 − V VOL LOW-level output voltage; all outputs VI =VIH or VIL; IO =50 µA 4.5 − 0 0.1 − 0.1 − 0.1 V LOW-level output voltage VI =VIH or VIL; IO =8mA 4.5 −− 0.36 − 0.44 − 0.55 V II input leakage current VI =VIH or VIL 5.5 −− 0.1 − 1.0 − 2.0 µA IOZ 3-state output OFF current VI =VIH or VIL; VO =VCC or GND per input pin; other inputs at VCC or GND; IO =0 5.5 −− ±0.25 −±2.5 −±10.0 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 2.0 − 20 − 40 µA ∆I CC additional quiescent supply current per input pin VI =VCC − 2.1 V other inputs at VCC or GND; IO =0 4.5 to 5.5 −− 1.35 − 1.5 − 1.5 mA CI input capacitance −− 310 − 10 − 10 pF |
유사한 부품 번호 - 74AHC125 |
|
유사한 설명 - 74AHC125 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |