전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3355MMX-4.1 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3355MMX-4.1
상세설명  Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3355MMX-4.1 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  LM3355MMX-4.1 Datasheet HTML 1Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 2Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 3Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 4Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 5Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 6Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 7Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 8Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
All Pins
−0.5V to 5.6V
Power Dissipation (T
A = 25˚C)
(Note 2)
Internally Limited
T
JMAX (Note 2)
150˚C
θ
JA (Note 2)
250˚C/W
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
Human Body Model
Machine Model
1.5 kV
100V
Operating Ratings
Input Voltage (V
IN)
2.5V to 5.5V
Output Voltage (V
OUT)
1.8V to 4.1V
Ambient Temperature (T
A) (Note 2)
−40˚C to +85˚C
Junction Temperature (T
J) (Note 2)
−40˚C to +125˚C
Electrical Characteristics
Limits in standard typeface are for T
A = 25˚C, and limits in boldface type apply over the full operating temperature range of
−40˚C
≤ T
A ≤ 85˚C. Unless otherwise specified: C1 =C2 = 0.33 µF; CIN = 10 µF; COUT = 10 µF; CFIL = 1 µF; VIN = 3.5V.
Parameter
Conditions
Min (Note 5)
Typ (Note 4)
Max (Note 5)
Units
LM3355-4.1
Output Voltage (V
OUT)VIN = 3.5V; I LOAD = 50 mA
4.038
4.1
4.162
V
2.6V < V
IN < 5.5V;
1mA < I
LOAD < 50 mA
3.977/3.936
4.1
4.223/4.264
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 40 mA
3.977/3.936
4.1
4.223/4.264
Efficiency
I
LOAD =10mA
80
%
I
LOAD=50mA
75
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
75
mV
P-P
LM3355-ALL OUTPUT VOLTAGE VERSIONS
Operating Quiescent Current
Measured at Pin V
IN;
I
LOAD = 0A (Note 6)
375
475
µA
Shutdown Quiescent Current
SD Pin at 0V (Note 7)
2.3
5
µA
Switching Frequency
0.60
1
1.40
MHz
SD Input Threshold Low
2.5V < V
IN < 5.5V
0.2 V
IN
V
SD Input Threshold High
2.5V < V
IN < 5.5V
0.8 V
IN
V
SD Input Current
Measured at SD Pin;
SD Pin = V
IN = 5.5V
0.3
µA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is
intended to be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see “Electrical
Characteristics”.
Note 2: As long as TA ≤ +85˚C, all electrical characteristics hold true and the junction temperature should remain below +125˚C.
Note 3: The Human Body Model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The Machine Model is a 200 pF capacitor discharged
directly into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely norm.
Note 5: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100% tested
or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed by correlation using standard Statistical Quality Control methods (SQC).
All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 6: The VOUT pin is forced to 200 mV above the typical VOUT. This is to insure that the internal switches are off.
Note 7: The output capacitor COUT is fully discharged before measurement.
www.national.com
3


유사한 부품 번호 - LM3355MMX-4.1

제조업체부품명데이터시트상세설명
logo
saftbatteries
LM33550 SAFT-LM33550 Datasheet
343Kb / 2P
   3 V Primary lithium-manganese dioxide High power D-size spiral cell
More results

유사한 설명 - LM3355MMX-4.1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
REG711 TI1-REG711_16 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711 TI-REG711 Datasheet
181Kb / 10P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com