전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC157 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AHC157
상세설명  Quad 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC157 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC157 Datasheet HTML 3Page - NXP Semiconductors 74AHC157 Datasheet HTML 4Page - NXP Semiconductors 74AHC157 Datasheet HTML 5Page - NXP Semiconductors 74AHC157 Datasheet HTML 6Page - NXP Semiconductors 74AHC157 Datasheet HTML 7Page - NXP Semiconductors 74AHC157 Datasheet HTML 8Page - NXP Semiconductors 74AHC157 Datasheet HTML 9Page - NXP Semiconductors 74AHC157 Datasheet HTML 10Page - NXP Semiconductors 74AHC157 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Sep 24
7
Philips Semiconductors
Product specification
Quad 2-input multiplexer
74AHC157;
74AHCT157
DC CHARACTERISTICS
74AHC family
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX. MIN. MAX.
VIH
HIGH-level input
voltage
2.0
1.5
−−
1.5
1.5
V
3.0
2.1
−−
2.1
2.1
5.5
3.85
−−
3.85
3.85
VIL
LOW-level input
voltage
2.0
−−
0.5
0.5
0.5
V
3.0
−−
0.9
0.9
0.9
5.5
−−
1.65
1.65
1.65
VOH
HIGH-level output
voltage; all
outputs
VI =VIH or VIL;
IO = −50 µA
2.0
1.9
2.0
1.9
1.9
V
3.0
2.9
3.0
2.9
2.9
4.5
4.4
4.5
4.4
4.4
HIGH-level output
voltage
VI =VIH or VIL;
IO = −4.0 mA
3.0
2.58
−−
2.48
2.40
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
VOL
LOW-level output
voltage; all
outputs
VI =VIH or VIL;
IO =50 µA
2.0
0
0.1
0.1
0.1
V
3.0
0
0.1
0.1
0.1
4.5
0
0.1
0.1
0.1
LOW-level output
voltage
VI =VIH or VIL;
IO =4mA
3.0
−−
0.36
0.44
0.55
V
VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
0.55
II
input leakage
current
VI =VCC or GND
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF current
VI =VIH or VIL;
VO =VCC or GND
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
4.0
40
80
µA
CI
input capacitance
−−
310
10
10
pF


유사한 부품 번호 - 74AHC157

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC157 NXP-74AHC157 Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Nexperia B.V. All right...
74AHC157 NEXPERIA-74AHC157 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
719Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHC157-Q100 NEXPERIA-74AHC157-Q100 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 2 - 10 September 2020
logo
NXP Semiconductors
74AHC157BQ NXP-74AHC157BQ Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
More results

유사한 설명 - 74AHC157

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com