전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT126D 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AHCT126D
상세설명  Quad buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT126D 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AHCT126D Datasheet HTML 1Page - NXP Semiconductors 74AHCT126D Datasheet HTML 2Page - NXP Semiconductors 74AHCT126D Datasheet HTML 3Page - NXP Semiconductors 74AHCT126D Datasheet HTML 4Page - NXP Semiconductors 74AHCT126D Datasheet HTML 5Page - NXP Semiconductors 74AHCT126D Datasheet HTML 6Page - NXP Semiconductors 74AHCT126D Datasheet HTML 7Page - NXP Semiconductors 74AHCT126D Datasheet HTML 8Page - NXP Semiconductors 74AHCT126D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Sep 29
4
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74AHC126; 74AHCT126
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO packages: above 70
°C the value of PD derates linearly with 8 mW/K.
For TSSOP packages: above 60
°C the value of PD derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient temperature
range
see DC and AC
characteristics per
device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf (∆t/∆f) input rise and fall rates
VCC = 3.3 V ±0.3 V −−
100
−−−
ns/V
VCC =5V ±0.5 V
−−
20
−−
20
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCC
DC supply voltage
−0.5
+7.0
V
VI
input voltage range
−0.5
+7.0
V
IIK
DC input diode current
VI < −0.5 V; note 1
−−20
mA
IOK
DC output diode current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
DC output source or sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC
DC VCC or GND current
−±75
mA
Tstg
storage temperature range
−65
+150
°C
PD
power dissipation per package
for temperature range:
−40 to +125 °C; note 2
500
mW


유사한 부품 번호 - 74AHCT126D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT126D NXP-74AHCT126D Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Nexperia B.V. All right...
74AHCT126D NEXPERIA-74AHCT126D Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHCT126D-Q100 NEXPERIA-74AHCT126D-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
More results

유사한 설명 - 74AHCT126D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com