전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

501403B00100 데이터시트(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

부품명 501403B00100
상세설명  For use with TO-3 packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAVID [Aavid, Thermal Division of Boyd Corporation]
홈페이지  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

501403B00100 데이터시트(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  501403B00100 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 501403B00100 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For use with TO-3 packages
501403b00100
VIS#001147
Mechanical Outline Drawing
A Dim 19.05 (.750)
Thermal resistance value is
based on a 75°C rise in natural
convection
Thermal
Resistance
10.0
Page 1 of 2
Standard Products Found
2/25/2003
http://www.aavidthermalloy.com/bin/stdisp_print.pl?Pnum=501403b00100


유사한 부품 번호 - 501403B00100

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
501403B00000 AAVID-501403B00000 Datasheet
85Kb / 2P
   For use with TO-3 packages
501403B00000G AAVID-501403B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
501403B00000G AAVID-501403B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

유사한 설명 - 501403B00100

제조업체부품명데이터시트상세설명
logo
Aavid, Thermal Division...
501503B00100 AAVID-501503B00100 Datasheet
87Kb / 2P
   For use with TO-3 packages
553103B00000 AAVID-553103B00000 Datasheet
78Kb / 2P
   For use with TO-3 packages
500103B00000 AAVID-500103B00000 Datasheet
89Kb / 2P
   For use with TO-3 packages
501503B00000 AAVID-501503B00000 Datasheet
87Kb / 2P
   For use with TO-3 packages
501303B00000 AAVID-501303B00000 Datasheet
84Kb / 2P
   For use with TO-3 packages
568003B00000 AAVID-568003B00000 Datasheet
87Kb / 2P
   For use with TO-3 packages
506007B00000 AAVID-506007B00000 Datasheet
85Kb / 2P
   For use with TO-3 packages
568303B00000 AAVID-568303B00000 Datasheet
90Kb / 2P
   For use with TO-3 packages
501603B00000 AAVID-501603B00000 Datasheet
84Kb / 2P
   For use with TO-3 packages
568203B00000 AAVID-568203B00000 Datasheet
87Kb / 2P
   For use with TO-3 packages
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com