전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC1G07GV 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AHC1G07GV
상세설명  Buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G07GV 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AHC1G07GV Datasheet HTML 1Page - NXP Semiconductors 74AHC1G07GV Datasheet HTML 2Page - NXP Semiconductors 74AHC1G07GV Datasheet HTML 3Page - NXP Semiconductors 74AHC1G07GV Datasheet HTML 4Page - NXP Semiconductors 74AHC1G07GV Datasheet HTML 5Page - NXP Semiconductors 74AHC1G07GV Datasheet HTML 6Page - NXP Semiconductors 74AHC1G07GV Datasheet HTML 7Page - NXP Semiconductors 74AHC1G07GV Datasheet HTML 8Page - NXP Semiconductors 74AHC1G07GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2002 Oct 02
4
Philips Semiconductors
Product specification
Buffer with open-drain output
74AHC1G07; 74AHCT1G07
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Note
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
active mode
0
VCC
0
VCC
V
high-impedance mode
0
6.0
0
6.0
V
Tamb
ambient
temperature
see DC and AC
characteristics per device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf (∆t/∆f)
input rise and fall
times ratios
VCC = 3.3 ±0.3 V
−−
100
−−−
ns/V
VCC =5 ±0.5 V
−−
20
−−
20
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V; note 1
−−20
mA
IOK
output clamping diode
current
VO < −0.5 V; note 1
−±20
mA
VO
output voltage
active mode; note 1
−0.5
+7.0
V
high-impedance mode; note 1
−0.5
+7.0
V
IO
output sink current
VO > −0.5 V
−±25
mA
ICC
VCC or GND current
−±75
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per
package
for temperature range from
−40 to +125 °C
250
mW


유사한 부품 번호 - 74AHC1G07GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G07GV NXP-74AHC1G07GV Datasheet
78Kb / 11P
   Buffer with open-drain output
Rev. 06-7 June 2007
logo
Nexperia B.V. All right...
74AHC1G07GV NEXPERIA-74AHC1G07GV Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74AHC1G07GV-Q100 NEXPERIA-74AHC1G07GV-Q100 Datasheet
204Kb / 10P
   Buffer with open-drain output
Rev. 4 - 11 January 2022
More results

유사한 설명 - 74AHC1G07GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com