전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC1G125GW 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74AHC1G125GW
상세설명  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G125GW 데이터시트(HTML) 3 Page - NXP Semiconductors

  74AHC1G125GW Datasheet HTML 1Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 Jun 06
3
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74AHC1G125; 74AHCT1G125
ORDERING INFORMATION
PINNING
TYPE NUMBER
TEMPERATURE
RANGE
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
MARKING
74AHC1G125GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
AM
74AHCT1G125GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
CM
74AHC1G125GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
A25
74AHCT1G125GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
C25
PIN
SYMBOL
DESCRIPTION
1
OE
output enable input
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
Fig.1 Pin configuration.
handbook, halfpage
1
2
3
5
4
MNA117
125
VCC
A
Y
GND
OE
Fig.2 Logic symbol.
handbook, halfpage
MNA118
AY
2
1
4
OE
Fig.3 IEC logic symbol.
handbook, halfpage
MNA119
1
4
2
OE
Fig.4 Logic diagram.
handbook, halfpage
MNA120
A
Y
OE


유사한 부품 번호 - 74AHC1G125GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G125GW NXP-74AHC1G125GW Datasheet
102Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 09-22 June 2009
logo
Nexperia B.V. All right...
74AHC1G125GW NEXPERIA-74AHC1G125GW Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G125GW NEXPERIA-74AHC1G125GW Datasheet
246Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 13 - 11 January 2022
74AHC1G125GW-Q100 NEXPERIA-74AHC1G125GW-Q100 Datasheet
235Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 4 - 11 January 2022
More results

유사한 설명 - 74AHC1G125GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com