전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC1G79 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AHC1G79
상세설명  Single D-type flip-flop; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G79 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G79 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 May 18
6
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74AHC1G79;
74AHCT1G79
Family 74AHCT1G
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85
MIN.
TYP.
MAX.
MIN.
MAX.
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
2.0
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
0.8
V
VOH
HIGH-level output
voltage; all outputs
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
V
HIGH-level output
voltage
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
V
VOL
LOW-level output
voltage; all outputs
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
V
LOW-level output voltage VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
V
II
input leakage current
VI =VIH or VIL
5.5
−−
0.1
1.0
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
5.5
−−
1.0
10
µA
∆ICC
additional quiescent
supply current per input
pin
VI = 3.4 V
other inputs at
VCC or GND; IO =0
5.5
−−
1.35
1.5
mA
CI
input capacitance
1.5
10
10
pF


유사한 부품 번호 - 74AHC1G79

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79 NEXPERIA-74AHC1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79GV NXP-74AHC1G79GV Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results

유사한 설명 - 74AHC1G79

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
   Single D-type flip-flop; positive-edge trigger
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
logo
NXP Semiconductors
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com