전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT1G32 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AHCT1G32
상세설명  2-input OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G32 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT1G32 Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G32 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G32 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G32 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G32 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G32 Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G32 Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G32 Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G32 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Jan 27
8
Philips Semiconductors
Product specification
2-input OR gate
74AHC1G32; 74AHCT1G32
AC WAVEFORMS
Fig.5
The input (inA, inB) to output (outY)
propagation delays.
FAMILY
VI INPUT
REQUIREMENTS
VM
INPUT
VM
OUTPUT
AHC1G
GND to VCC
50% VCC 50% VCC
AHCT1G
GND to 3.0 V
1.5 V
50% VCC
handbook, halfpage
MNA167
inA, inB INPUT
outY OUTPUT
tPHL
tPLH
VM
(1)
VM
(1)
Fig.6 Load circuitry for switching times.
handbook, halfpage
VCC
VI
VO
MNA101
D.U.T.
CL
RT
PULSE
GENERATOR
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
(See Chapter “AC characteristics” for values).
RT = Termination resistance should be equal to the output
impedance Zo of the pulse generator.


유사한 부품 번호 - 74AHCT1G32

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT1G32 PHILIPS-74AHCT1G32 Datasheet
74Kb / 16P
   2-input OR gate
2002 Jun 05
74AHCT1G32 NXP-74AHCT1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Diodes Incorporated
74AHCT1G32 DIODES-74AHCT1G32 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Texas Instruments
74AHCT1G32 TI-74AHCT1G32 Datasheet
974Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Nexperia B.V. All right...
74AHCT1G32 NEXPERIA-74AHCT1G32 Datasheet
215Kb / 11P
   2-input OR gate
Rev. 10 - 11 January 2022
More results

유사한 설명 - 74AHCT1G32

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com