전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT244D 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AHCT244D
상세설명  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT244D 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT244D Datasheet HTML 4Page - NXP Semiconductors 74AHCT244D Datasheet HTML 5Page - NXP Semiconductors 74AHCT244D Datasheet HTML 6Page - NXP Semiconductors 74AHCT244D Datasheet HTML 7Page - NXP Semiconductors 74AHCT244D Datasheet HTML 8Page - NXP Semiconductors 74AHCT244D Datasheet HTML 9Page - NXP Semiconductors 74AHCT244D Datasheet HTML 10Page - NXP Semiconductors 74AHCT244D Datasheet HTML 11Page - NXP Semiconductors 74AHCT244D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Sep 28
8
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74AHC244; 74AHCT244
AC CHARACTERISTICS
Type 74AHC244
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
nAn to nYn
see Figs 4 and 6 15 pF
5.0
8.4
1.0
10.0
1.0
10.5
ns
tPZL/tPZH
propagation delay
nOE to nYn
see Figs 5 and 6
6.5
10.6
1.0
12.5
1.0
13.5
ns
tPLZ/tPHZ
propagation delay
nOE to nYn
5.5
9.7
1.0
11.0
1.0
12.5
ns
tPHL/tPLH
propagation delay
nAn to nYn
see Figs 4 and 6 50 pF
7.0
11.9
1.0
13.5
1.0
15.0
ns
tPZL/tPZH
propagation delay
nOE to nYn
see Figs 5 and 6
7.5
14.1
1.0
16.0
1.0
18.0
ns
tPLZ/tPHZ
propagation delay
nOE to nYn
10.0
14.0
1.0
16.0
1.0
17.5
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
nAn to nYn
see Figs 4 and 6 15 pF
3.4
5.5
1.0
6.5
1.0
7.0
ns
tPZL/tPZH
propagation delay
nOE to nYn
see Figs 5 and 6
4.0
7.3
1.0
8.5
1.0
9.5
ns
tPLZ/tPHZ
propagation delay
nOE to nYn
4.8
7.2
1.0
8.5
1.0
9.0
ns
tPHL/tPLH
propagation delay
nAn to nYn
see Figs 4 and 6 50 pF
5.0
7.5
1.0
8.5
1.0
9.5
ns
tPZL/tPZH
propagation delay
nOE to nYn
see Figs 5 and 6
5.5
9.3
1.0
10.5
1.0
12.0
ns
tPLZ/tPHZ
propagation delay
nOE to nYn
7.0
9.2
1.0
10.5
1.0
11.5
ns


유사한 부품 번호 - 74AHCT244D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT244D NXP-74AHCT244D Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
74AHCT244D NXP-74AHCT244D Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHCT244D NEXPERIA-74AHCT244D Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHCT244D-Q100 NEXPERIA-74AHCT244D-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
More results

유사한 설명 - 74AHCT244D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com