전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA81-3 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 SMA81-3
상세설명  Cascadable Amplifier 20 to 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA81-3 데이터시트(HTML) 1 Page - Tyco Electronics

  SMA81-3 Datasheet HTML 1Page - Tyco Electronics SMA81-3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
20 to 500 MHz
A81-3/ SMA81-3
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Electrical Specifications: Z0 = 50Ω
Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
10-500
20-500
20-500
Small Signal Gain (min)
dB
17.0
16.0
15.5
Gain Flatness (max)
dB
±0.2
±0.5
±0.7
Reverse Isolation
dB
36
Noise Figure (max)
dB
4.0
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
8.0
7.5
7.0
IP3
dBm
+20
IP2
dBm
+28
Second Order Harmonic IP
dBm
+32
VSWR Input / Output (max)
1.5:1 / 1.1:1
1.8:1 / 1.3:1
2.0:1 / 1.3:1
DC Current @ 15 Volts (max)
mA
29
31
33
Features
• HIGH REVERSE ISOLATION >35 dBm (TYP.)
• EXCEPTIONAL OUTPUT VSWR 1.1:1 (TYP.)
• LOW NOISE 3.6 dB (TYP.)
• MEDIUM OUTPUT LEVEL +8.0 dBm (TYP.)
Description
The A81-3 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays
impressive performance over a broadband frequency range.
An isolation transformer is used in the feedback loop, with the
benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A81-3
TO-8
SMA81-3
Surface Mount
CA81-3
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.157 W
Junction Temperature Rise
Above Case Tjc
7ºC
* Over temperature performance limits for part number CA81-3, guaranteed from 0
oC to +50oC only.


유사한 부품 번호 - SMA81-3

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
SMA81-3 MA-COM-SMA81-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

유사한 설명 - SMA81-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
A81-2 MACOM-A81-2_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
A80 MA-COM-A80_15 Datasheet
635Kb / 3P
   Cascadable Amplifier 20 to 500 MHz
logo
Tyco Electronics
A80 MACOM-A80 Datasheet
356Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
A81-2 MACOM-A81-2 Datasheet
100Kb / 1P
   20 TO 500 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A81-3 MA-COM-A81-3_15 Datasheet
634Kb / 3P
   Cascadable Amplifier 20 to 500 MHz
logo
Teledyne Technologies I...
UTOUTC0546 TELEDYNE-UTOUTC0546 Datasheet
171Kb / 6P
   Thin-Film Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A513 MA-COM-A513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com