전자부품 데이터시트 검색엔진 |
|
TP12MS9APE2 데이터시트(PDF) 7 Page - ITT Industries |
|
TP12MS9APE2 데이터시트(HTML) 7 Page - ITT Industries |
7 / 6 page V3 TP21 Only TP21SH9V3BE PC MOUNTING TERMINATIONS CONTACT MATERIAL / APPLICATION RECOMMENDATIONS – SEE CHART, PAGE L-31. 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACTS & ALL TERMINALS: Copper alloy, silver plated. 6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. B contact material standard with A, AV, V3 & W terminations. Q contact material standard with C & Z terminations. K, L & M contact materials not available with Z terminations. All models with all options when ordered with G, L, M or Q contact material. CONTACT MATERIAL E (STD.) EPOXY SEAL SEAL VERTICAL MOUNT, V-BRACKET DPST Tiny Pushbutton Switches TP Series B B-16 C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926 OPTION CODE CONTACT MATERIAL TERMINAL PLATING RATINGS B (STD.) GOLD 1 GOLD 1 LOW LEVEL / DRY CIRCUIT 04VA MAX @20VACORDCMAX K GOLD 1 TIN-LEAD 6 LOW LEVEL / DRY CIRCUIT 0.4 VA MAX. @ 20 V AC OR DC MAX. Q (STD.) SILVER 45 SILVER 5 POWER 1AMP@120VACOR28VDC M SILVER 4,5 TIN-LEAD 6 POWER 1 AMP @ 120 V AC OR 28 V DC. G GOLD OVER SILVER 23 GOLD 3 LOW LEVEL / DRY CIRCUIT OR POWER 0.4 VA MAX @ 20 V AC OR DC MAX. OR L GOLD OVER SILVER 2,3 TIN-LEAD 6 LOW LEVEL / DRY CIRCUIT OR POWER 0.4 VA MAX @ 20 V AC OR DC MAX. OR 1 AMP @ 120 V AC OR 28 V DC. Rev. A 8/99 |
유사한 부품 번호 - TP12MS9APE2 |
|
유사한 설명 - TP12MS9APE2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |