전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCU04D 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AHCU04D
상세설명  Hex inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCU04D 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCU04D Datasheet HTML 5Page - NXP Semiconductors 74AHCU04D Datasheet HTML 6Page - NXP Semiconductors 74AHCU04D Datasheet HTML 7Page - NXP Semiconductors 74AHCU04D Datasheet HTML 8Page - NXP Semiconductors 74AHCU04D Datasheet HTML 9Page - NXP Semiconductors 74AHCU04D Datasheet HTML 10Page - NXP Semiconductors 74AHCU04D Datasheet HTML 11Page - NXP Semiconductors 74AHCU04D Datasheet HTML 12Page - NXP Semiconductors 74AHCU04D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Sep 27
9
Philips Semiconductors
Product specification
Hex inverter
74AHCU04
APPLICATION INFORMATION
Some applications for the AHCU04 are:
• Linear amplifier (see Fig.12)
• In crystal oscillator design (see Fig.13)
• Astable multivibrator (see Fig.14).
All values given are typical unless otherwise specified.
Fig.11 Typical forward transconductance gfs as a
function of the supply voltage at
Tamb =25 °C.
handbook, halfpage
0246
40
30
10
0
20
MNA355
VCC (V)
gfs
(mA/V)
handbook, halfpage
U04
R1
R2
VCC
ZL
MNA052
1
µF
GND
Fig.12 Used as a linear amplifier.
ZL >10kΩ; AOL = 12 (typical)
;
R1
≥ 3kΩ,R2 ≤ 1MΩ.
Typical unity gain bandwidth product is 5 MHz.
AOL = open loop amplification.
Au = voltage amplification.
A
u
A
OL
1
R1
R2
-------- 1AOL )
+
(
+
--------------------------------------------
=
V
0 max (p-p)
V
CC
2 V centered at
1
2
--- VCC
Fig.13 Crystal oscillator configuration.
C1 = 47 pF (typical).
C2 = 33 pF (typical).
R1 = 1 to 10 M
Ω (typical).
R2 optimum value depends on the frequency and required stability
against changes in VCC or average minimum ICC (ICC is typically
5 mA at VCC = 5 V and f = 10 MHz).
handbook, halfpage
MNA053
U04
out
R2
R1
C1
C2


유사한 부품 번호 - 74AHCU04D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCU04D NXP-74AHCU04D Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
logo
Nexperia B.V. All right...
74AHCU04D NEXPERIA-74AHCU04D Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
74AHCU04D-Q100 NEXPERIA-74AHCU04D-Q100 Datasheet
752Kb / 15P
   Hex unbuffered inverter
More results

유사한 설명 - 74AHCU04D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com