전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUC2G34YZPR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUC2G34YZPR
상세설명  Optimized for 1.8-V Operation and Is 3.6-V I/O Tolerant to Support Mixed-Mode Signal Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G34YZPR 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AUC2G34YZPR Datasheet HTML 1Page - Texas Instruments SN74AUC2G34YZPR Datasheet HTML 2Page - Texas Instruments SN74AUC2G34YZPR Datasheet HTML 3Page - Texas Instruments SN74AUC2G34YZPR Datasheet HTML 4Page - Texas Instruments SN74AUC2G34YZPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G34YZPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G34YZPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G34YZPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G34YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74AUC2G34
DUAL BUFFER GATE
SCES514A – NOVEMBER 2003 – REVISED MARCH 2006
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–0.7
VCC = 1.1 V
–3
IOH
High-level output current
VCC = 1.4 V
–5
mA
VCC = 1.65 V
–8
VCC = 2.3 V
–9
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
VCC = 1.65 V
8
VCC = 2.3 V
9
VCC = 0.8 V to 1.65 V(2)
20
∆t/∆v
Input transition rise or fall rate
VCC = 1.65 V to 1.95 V(3)
20
ns/V
VCC = 2.3 V to 2.7 V(3)
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
The data was taken at CL = 15 pF, RL = 2 kΩ (see Figure 1).
(3)
The data was taken at CL = 30 pF, RL = 500 Ω (see Figure 1).
3
Submit Documentation Feedback


유사한 부품 번호 - SN74AUC2G34YZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC2G34YZPR TI-SN74AUC2G34YZPR Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
More results

유사한 설명 - SN74AUC2G34YZPR

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
   2.0 V to 3.6 V supply operation
logo
Vishay Siliconix
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
logo
Texas Instruments
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
logo
Dialog Semiconductor
AT25FF161A DIALOG-AT25FF161A Datasheet
1Mb / 120P
   16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF321A RENESAS-AT25FF321A Datasheet
2Mb / 111P
   32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
2022-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com