전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFR16S 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 SFR16S
상세설명  Standard metal film resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SFR16S 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  SFR16S Datasheet HTML 1Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 2Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 3Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2001 Jan 17
3
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
5033E/5043E/5053H
ORDERING INFORMATION
Table 1
Ordering code indicating resistor type and packaging
Notes
1. In North America, the SFR25 1% is also known as SFR55.
2. The jumper has a maximum resistance Rmax =10mΩ at 5 A.
TYPE
TOL.
(%)
12NC
NAFTA PART NUMBER
TAPING
(mm)
SPQ
(units)
SFR25(1) (SFR55)
±1
2306 181 8....
5043EDxxxxxF12AF5
52
5000; tape & reel
SFR25
±5
2306 181 63...
5043EMxxxxxJ12AFX
52
5000; tape & reel
SFR25(1) (SFR55)
±1
2322 188 2....
5043EDxxxxxF5AAF5
52
5000; ammopack
SFR25
±5
2322 181 43...
2322 181 43xxx
52
5000; ammopack
SFR25 jumper(2)
2306 181 90011
5043EM0R000J12AFX
52
5000; tape & reel
SFR25 jumper(2)
2322 181 90019
5043EM0R000J18AFX
52
5000; ammopack
SFR25H
±1
2306 186 8....
5053HDxxxxxF12AF5
52
5000; tape & reel
SFR25H
±5
2306 186 63...
5053HMxxxxxJ12AFX
52
5000; tape & reel
SFR25H
±5
2322 186 76...
2322 186 76xxx
52
5000; ammopack
SFR16S
±1
2306 187 1....
5033EDxxxxxF12AF5
52
5000; tape & reel
SFR16S
±5
2306 187 23...
5033EMxxxxxJ12AFX
52.5
5000; tape & reel
SFR16S
±1
2306 187 3....
2306 187 3....
52.5
5000; ammopack
SFR16S
±5
2322 187 53...
2322 187 53...
52.5
5000; ammopack
SFR16S jumper(2)
2306 187 90013
2306 187 90013
52.5
5000; tape & reel


유사한 부품 번호 - SFR16S

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SFR16S ETC-SFR16S Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
More results

유사한 설명 - SFR16S

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
logo
List of Unclassifed Man...
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com