전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IKW75N60T 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 IKW75N60T
상세설명  Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW75N60T 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button IKW75N60T Datasheet HTML 3Page - Infineon Technologies AG IKW75N60T Datasheet HTML 4Page - Infineon Technologies AG IKW75N60T Datasheet HTML 5Page - Infineon Technologies AG IKW75N60T Datasheet HTML 6Page - Infineon Technologies AG IKW75N60T Datasheet HTML 7Page - Infineon Technologies AG IKW75N60T Datasheet HTML 8Page - Infineon Technologies AG IKW75N60T Datasheet HTML 9Page - Infineon Technologies AG IKW75N60T Datasheet HTML 10Page - Infineon Technologies AG IKW75N60T Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IKW75N60T
TrenchStop Series
q
Power Semiconductors
7
Rev. 2.4 May 06
0A
20A
40A
60A
80A 100A 120A 140A
0.0mJ
4.0mJ
8.0mJ
12.0mJ
E
ts*
E
off
*) E
on and Ets include losses
due to diode recovery
E
on*
0Ω
5Ω
10Ω
15Ω
0.0m J
2.0m J
4.0m J
6.0m J
8.0m J
E
ts*
E
off
*) E
on an d E ts in c lude lo s s es
due to diode recovery
E
on*
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load,
TJ = 175°C,
VCE = 400V, VGE = 0/15V, RG = 5Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load,
TJ = 175°C,
VCE = 400V, VGE = 0/15V, IC = 75A,
Dynamic test circuit in Figure E)
25°C
50°C
75°C
100°C 125°C 150°C
0.0mJ
1.0mJ
2.0mJ
3.0mJ
4.0mJ
5.0mJ
E
ts*
E
off
*) E
on and Ets include losses
due to diode recovery
E
on*
300V 350V 400V 450V 500V 550V
0m J
2m J
4m J
6m J
8m J
E
ts*
E
on*
*) E
on an d E ts in c lud e lo ss es
due to diode recovery
E
off
TJ, JUNCTION TEMPERATURE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 15. Typical switching energy losses
as a function of junction
temperature
(inductive load,
VCE = 400V,
VGE = 0/15V, IC = 75A, RG = 5Ω,
Dynamic test circuit in Figure E)
Figure 16. Typical switching energy losses
as a function of collector emitter
voltage
(inductive load,
TJ = 175°C,
VGE = 0/15V, IC = 75A, RG = 5Ω,
Dynamic test circuit in Figure E)


유사한 부품 번호 - IKW75N60T

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IKW75N60T INFINEON-IKW75N60T Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
IKW75N60TA INFINEON-IKW75N60TA Datasheet
1,003Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 14.07.2014
logo
Inchange Semiconductor ...
IKW75N60TFK ISC-IKW75N60TFK Datasheet
330Kb / 3P
   Trench gate Field-Stop IGBT
logo
Infineon Technologies A...
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
More results

유사한 설명 - IKW75N60T

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKW30N60T INFINEON-IKW30N60T Datasheet
397Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dev-04
IKA06N60T INFINEON-IKA06N60T Datasheet
354Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
logo
List of Unclassifed Man...
IKB06N60T ETC-IKB06N60T Datasheet
371Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com