전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPD350N06LG 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 IPD350N06LG
상세설명  OptiMOS짰 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD350N06LG 데이터시트(HTML) 1 Page - Infineon Technologies AG

  IPD350N06LG Datasheet HTML 1Page - Infineon Technologies AG IPD350N06LG Datasheet HTML 2Page - Infineon Technologies AG IPD350N06LG Datasheet HTML 3Page - Infineon Technologies AG IPD350N06LG Datasheet HTML 4Page - Infineon Technologies AG IPD350N06LG Datasheet HTML 5Page - Infineon Technologies AG IPD350N06LG Datasheet HTML 6Page - Infineon Technologies AG IPD350N06LG Datasheet HTML 7Page - Infineon Technologies AG IPD350N06LG Datasheet HTML 8Page - Infineon Technologies AG IPD350N06LG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPD350N06L G
OptiMOS® Power-Transistor
Features
• For fast switching converters and sync. rectification
• N-channel enhancement - logicl level
• 175 °C operating temperature
• Avalanche rated
• Pb-free lead plating, RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
29
A
T C=100 °C
20
Pulsed drain current
I D,pulse
T C=25 °C
1)
116
Avalanche energy, single pulse
E AS
I D=29 A, R GS=25 Ω
80
mJ
Reverse diode dv /dt
dv /dt
I D=29 A, V DS=48 V,
di /dt =200 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
68
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
1) See figure 3
V DS
60
V
R DS(on),max
35
m
I D
29
A
Product Summary
Type
IPD350N06L G
Package
P
G-TO252-3-11
Marking
350N06L
Rev. 1.1
page 1
2006-05-08


유사한 부품 번호 - IPD350N06LG

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IPD350N06LG INFINEON-IPD350N06LG Datasheet
534Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.3 2008-09-01
IPD350N06LG INFINEON-IPD350N06LG_08 Datasheet
534Kb / 9P
   OptiMOS짰 Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.3 2008-09-01
More results

유사한 설명 - IPD350N06LG

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com