전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16373DL 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74ALVCH16373DL
상세설명  2.5V/3.3V 16-bit D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16373DL 데이터시트(HTML) 2 Page - NXP Semiconductors

  74ALVCH16373DL Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16373
16-bit D-type transparent latch (3-State)
2
1999 Sep 20
853-2086 22418
FEATURES
Wide supply voltage range of 1.2V to 3.6V
Complies with JEDEC standard no. 8-1A
CMOS low power consumption
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple V
CC and ground pins for minimum noise
and ground bounce
Direct interface with TTL levels
All data inputs have bus hold
Output drive capability 50Ω transmission lines @ 85°C
Current drive ±24 mA at 3.0 V
DESCRIPTION
The 74ALVCH16373 is a 16-bit D-type transparent latch featuring
separate D-type inputs for each latch and 3-State outputs for bus
oriented applications. Incorporates bus hold data inputs which
eliminate the need for external pull-up or pull-down resistors to hold
unused inputs. One latch enable (LE) input and one output enable
(OE) are provided per 8-bit section.
The 74ALVCH16373 consists of 2 sections of eight D-type
transparent latches with 3-State true outputs. When LE is HIGH,
data at the Dn inputs enter the latches. In this condition the latches
are transparent, i.e., a latch output will change each time its
corresponding D-input changes.
When LE is LOW the latches store the information that was present
at the D-inputs a set-up time preceding the HIGH-to-LOW transition
of LE. When OE is LOW, the contents of the eight latches are
available at the outputs. When OE is HIGH, the outputs go to the
high impedance OFF-state. Operation of the OE input does not
affect the state of the latches.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1OE
1Q0
1Q1
GND
1Q2
1Q3
VCC
1Q5
GND
1Q6
1Q7
2Q0
2Q1
GND
1Q4
2Q2
2Q3
VCC
2Q4
2Q5
2D5
2D4
VCC
2D3
2D2
GND
2D1
2D0
1D7
1D6
GND
1D5
1D4
VCC
1D3
1D2
GND
1D1
1D0
1LE
21
22
23
24
25
26
27
28
GND
2Q6
2Q7
2OE
2LE
2D7
2D6
GND
SW00066
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf ≤ 2.5ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
Propagation delay
VCC = 2.5V, CL = 30pF
2.1
t
/t
gy
Dn to Qn
VCC = 3.3V, CL = 50pF
2.1
ns
tPHL/tPLH
Propagation delay
VCC = 2.5V, CL = 30pF
2.2
ns
gy
LE to Qn
VCC = 3.3V, CL = 50pF
2.2
CI
Input capacitance
5.0
pF
C
Power dissipation capacitance per latch
V = GND to VCC1
Outputs enabled
16
pF
CPD
Power dissipation capacitance per latch
VI = GND to VCC1
Outputs disabled
10
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where: fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V; S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVCH16373 DL
ACH16373 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVCH16373 DGG
ACH16373 DGG
SOT362-1


유사한 부품 번호 - 74ALVCH16373DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ALVCH16373DLG4 TI-74ALVCH16373DLG4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16373DLRG4 TI-74ALVCH16373DLRG4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVCH16373DL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com