전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16540DGG 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74ALVCH16540DGG
상세설명  2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16540DGG 데이터시트(HTML) 5 Page - NXP Semiconductors

  74ALVCH16540DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16540
16-bit buffer/line driver, inverting,
5V input tolerant (3-State)
1997 Aug 11
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VCC = 1.2V
VCC
VIH
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
V
VCC = 2.7 to 3.6V
2.0
VCC = 1.2V
GND
VIL
LOW level Input voltage
VCC = 2.3 to 2.7V
0.7
V
VCC = 2.7 to 3.6V
0.8
VCC = 2.3V; VI = VIH or VIL; IO = –1mA
VCC*0.3
VCC = 2.3V; VI = VIH or VIL; IO = –8mA
VCC*0.5
VOH
HIGH level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
V
VCC = 2.3/3.0V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC = 2.3V; VI = VIH or VIL; IO = 1mA
0.40
VCC = 2.3V; VI = VIH or VIL; IO = 8mA
0.60
VOL
LOW level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.40
V
VCC = 2.3/3.0V; VI = VIH or VIL; IO = 100µA
0.20
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
VCC =3 6V; V = 5 5V or GND
Control pins
"01
"5
I
Input leakage current
VCC = 3.6V; VI = 5.5V or GND
Control pins
"0.1
"5
µA
II
Input leakage current
VCC = 3.6V; VI = VCC or GND
Data input pins
"0.1
"5
µA
IIHZ/IILZ
Input current for common I/O pins
VCC = 3.6V; VI = VCC or GND
"0.1
"15
µA
IO
3-State output OFF-state current
VCC = 3.6V; VI = VIH or VIL; VO = VCC or GND
0.1
"10
µA
IOZ
3-State output OFF-state current
VCC = 2.7V; VI = VIH or VIL; VO = VCC or GND
0.1
"5
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
ICC
Quiescent supply current
VCC = 2.7V; VI = VCC or GND; IO = 0
0.2
20
µA
∆ICC
Additional quiescent supply current per
control pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
∆ICC
Additional quiescent supply current per
data I/O pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
150
750
µA
IBHL
Bus hold LOW sustaining current
VCC = 2.3V; VI = 0.7V
45
µA
IBHL
Bus hold LOW sustaining current
VCC = 3.0V; VI = 0.8V
75
µA
IBHH
Bus hold HIGH sustaining current
VCC = 2.3V; VI = 1.7V
–45
µA
IBHH
Bus hold HIGH sustaining current
VCC = 3.0V; VI = 2.0V
–75
µA
IBHLO
Bus hold LOW overdrive current
VCC = 2.7V
300
µA
IBHLO
Bus hold LOW overdrive current
VCC = 3.6V
450
µA
IBHHO
Bus hold HIGH overdrive current
VCC = 2.7V
–300
µA
IBHHO
Bus hold HIGH overdrive current
VCC = 3.6V
–450
µA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.


유사한 부품 번호 - 74ALVCH16540DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543 Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543DGG PHILIPS-74ALVCH16543DGG Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVCH16540DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com