전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16646DGG 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74ALVCH16646DGG
상세설명  16-bit bus transceiver/register 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16646DGG 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVCH16646DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16646DGG Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16646
16-bit bus transceiver/register (3-State)
1998 Sep 03
9
APPLICATION INFORMATION
REAL TIME BUS TRANSFER
BUS B TO BUS A
nOE
nDIR nCPAB nCPBA nSAB nSBA
L
L
XXX
L
REAL TIME BUS TRANSFER
BUS A TO BUS B
nOE
nDIR nCPAB nCPBA nSAB nSBA
LH
X
X
L
X
STORAGE FROM
A, B, OR A AND B
nOE
nDIR nCPAB nCPBA nSAB nSBA
LH
XX
X
LL
X
XX
HX
↑↑
XX
TRANSFER STORED DATA
TO A OR B
nOE
nDIR nCPAB nCPBA nSAB nSBA
L
L
X
H | L
X
H
L
H
H | L
X
H
X
AB
AB
AB
AB
SH00028


유사한 부품 번호 - 74ALVCH16646DGG

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVCH16646DGG NEXPERIA-74ALVCH16646DGG Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
Texas Instruments
74ALVCH16646DGGRE4 TI1-74ALVCH16646DGGRE4 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ALVCH16646DGGRG4 TI1-74ALVCH16646DGGRG4 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVCH16646DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com