전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16843DGG 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74ALVCH16843DGG
상세설명  18-bit bus-interface D-type latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16843DGG 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH16843DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16843
18-bit bus interface D-type latch (3-State)
1998 Aug 04
8
AC WAVEFORMS FOR VCC = 2.3V TO 2.7V AND
VCC < 2.3V RANGE
VM = 0.5 V
VX = VOL + 0.15V
VY = VOH –0.15V
VOL and VOH are the typical output voltage drop that occur with the
output load.
V
I = VCC
AC WAVEFORMS FOR VCC = 3.0V TO 3.6V AND
VCC = 2.7V RANGE
VM = 1.5 V
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
V
I = 2.7V
tPHL
tPLH
VOL
CLR, Dn
VI
PRE
GND
VOH
Qn OUTPUT
VM
VM
SH00147
Waveform 1. Data input (Dn) to output (Qn), clear input (CLR)
to output (Qn) and preset input (PRE) to output (Qn)
propagation delay
LE INPUT
Qn OUTPUT
VI
GND
VOH
VOL
tPHL
tPLH
tW
VM
VM
VM
SH00150
Waveform 2. Latch enable input (LE) pulse width, the latch
enable input to output (Qn) propagation delay
Dn
INPUT
LE
INPUT
tSU
th
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
tSU
th
VI
GND
VI
GND
VM
VM
SH00149
Waveform 3. Data set-up and hold times for the Dn input to the
LE input
CLR, PRE
tW(L)
tREM
VI
GND
LE
VM
VM
SH00148
VI
GND
Waveform 4. Clear (CLR) and preset (PRE) pulse width, the
clear (CLR) and preset (PRE) to latch (LE) removal time
tPLZ
tPZL
VI
nOE INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SH00137
Waveform 5. 3-State enable and disable times


유사한 부품 번호 - 74ALVCH16843DGG

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVCH16843DGG NEXPERIA-74ALVCH16843DGG Datasheet
204Kb / 16P
   18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
More results

유사한 설명 - 74ALVCH16843DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Nexperia B.V. All right...
74ALVCH16843 NEXPERIA-74ALVCH16843 Datasheet
204Kb / 16P
   18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29844 TI1-SN74BCT29844 Datasheet
99Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OURPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com