전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVT162244DGG 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ALVT162244DGG
상세설명  2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162244DGG 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT162244DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVT162244DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162244
2.5V/3.3V 16-bit buffer/driver with
30
Ω termination resistors (3-State)
1998 Oct 07
6
DC ELECTRICAL CHARACTERISTICS (2.5V
"0.2V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.3V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC = 2.3V; IOH = –8mA
1.7
V
VOL
Low-level output voltage
VCC = 2.3V; IOL = 12mA
0.6
0.7
V
VCC = 2.7V; VI = VCC or GND
Control pins
0.1
±1
II
Input leakage current
VCC = 0 or 2.7V; VI = 5.5V
0.1
10
µA
II
In ut leakage current
VCC = 2.7V; VI = VCC
Data pins4
0.1
1
µA
VCC = 2.7V; VI = 0
Data ins4
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
IHOLD
Bus Hold current
VCC = 2.3V; VI = 0.7V
115
µA
IHOLD
Data inputs6
VCC = 2.3V; VI = 1.7V
–10
µA
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 2.3V
10
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
1
±100
µA
IOZH
3-State output High current
VCC = 2.7V; VO = 2.3V; VI = VIL or VIH
0.5
5
µA
IOZL
3-State output Low current
VCC = 2.7V; VO = 0.5V; VI = VIL or VIH
0.5
–5
µA
ICCH
VCC = 2.7V; Outputs High, VI = GND or VCC, IO = 0
0.04
0.1
ICCL
Quiescent supply current
VCC = 2.7V; Outputs Low, VI = GND or VCC, IO = 0
2.5
4.5
mA
ICCZ
VCC = 2.7V; Outputs Disabled; VI = GND or VCC, IO = 05
0.04
0.1
∆ICC
Additional supply current per
input pin2
VCC = 2.3V to 2.7V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.04
0.4
mA
NOTES:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 2.5V ± 0.2V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. Not guaranteed.
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V "0.2V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
1
1.5
1.5
2.7
2.3
4.2
3.7
ns
tPZH
tPZL
Output enable time
to High and Low level
2
2.0
2.0
4.4
3.0
6.8
5.1
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
1.0
1.0
2.8
2.0
4.6
3.3
ns
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.


유사한 부품 번호 - 74ALVT162244DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

유사한 설명 - 74ALVT162244DGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com