전자부품 데이터시트 검색엔진 |
|
FCA-325-WV9 데이터시트(PDF) 3 Page - Tyco Electronics |
|
FCA-325-WV9 데이터시트(HTML) 3 Page - Tyco Electronics |
3 / 4 page 18 Socket Pins - All DC Coils PIN TERMINALS ARE GOLD PLATED CODE "B" Solder Pin Terminals CODE "C" Solder Hook Terminals HOOK TERMINALS TIN/LEAD PLATED .250 (6.35) .270 (6.86) .050 ± .005 (1.27 ± (.12) Silicone Rubber Gasket ± .001 ± .02 2 Plcs .093 Dia. Pin (2.36 ) 9 Plcs +.002 - .000 +.05 - .00 .625 ± .020 (15.88 ± .51) .375 ± .020 (9.52 ± .508) Below are shown the standard terminal types and the enclosures available. Specify the assembly as indicated under How To Order. Dimensions are shown in inches ± .010 and (Millimeters ± .25). CODE "Z" BLUE BEAD -X2 +X1 .250 (6.35) .270 (6.86) ± .001 ± .02 2 Plcs +.002 - .000 BLUE BEAD -X2 +X1 PIN TERMINALS TIN/LEAD PLATED .062 Dia. Pin (1.57 ) .093 Dia. Pin (2.36 ) 9 Plcs +.05 - .00 .062 Dia. Pin (1.57 ) ± .05 2 Plcs ± .002 ENCLOSURES BLUE BEAD .093 ± .003 Dia.Pin (2.36 ±.08) 9 Plcs .040 Dia. Pin (1.02 ) "A" MAX. 1.015 (25.79) 1.015 (25.79) CODE "W" 1.396 (35.46) 1.446 (36.73) 6-32 UNC-2A 3 Studs * .047 (1.20) .312 (7.92) *Metric threads available,To specify use M in place of W 1.015 (25.79) .687 (17.44) 1.015 (25.78) .687 (17.44) 1.00 (25.4) .375 (9.52) .343 (8.71) .160 (4.06) .160 (4.06) .300 ± .020 (7.62 ± .51) 1.718 Max. (43.64) .040 (1.02) 1.015 (25.79) 1.015 (25.79) FULL R 6 PLCS 1.00 (25.4) .150 typ. (3.8) .625 15.88 .937 23.80 1.396 (35.46) 1.446 (36.73) 1.718 Max. (43.64) 1.00 (25.4) 1.015 (25.79) FULL R 6 PLCS .150 typ. (3.8) .625 15.88 .937 23.80 .040 (1.02) .156 (3.96) 1.015 (25.79) 1.396 (35.46) 1.446 (36.73) 1.718 Max. (43.64) 1.00 (25.4) 1.015 (25.79) .150 typ. (3.8) .040 (1.02) .156 (3.96) 1.015 (25.79) FULL R 6 PLCS .625 15.88 .937 23.80 .312 7.92 CODE "X" CODE "V" CODE "Y" CODE "A" TERMINALS All Enclosures have cupro-Nickel cans bright acid tin/lead plated after assembly to terminal headers. Dimensions: Inches ± .010 (mm ± .25) For socket pin terminals: specify "Y" enclosures with DC coils and "V" enclosures with AC coils. -X2 +X1 FCA-325 25 AMPERES, 3PDT SERIES Tyco Electronics Mid-Range Military/Aerospace Relays |
유사한 부품 번호 - FCA-325-WV9 |
|
유사한 설명 - FCA-325-WV9 |