전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4473GV55-2 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 TLE4473GV55-2
상세설명  Dual Low Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV55-2 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4473GV55-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 13Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Target Data Sheet
10
Rev. 0.2, 2005-07-26
TLE 4473 GV55-2
Inhibit Input INH2
Turn-on Voltage
V
INH2 ON
2.3
V
V
Q2 on
Turn-off Voltage
V
INH2 OFF
0.65
V
V
Q2 off
H-input current
I
INH2 ON
-1
3.2
6
µA
V
INH2 = 5.0 V (see
Page 13)
L-input current
I
INH2 OFF
-1
0.1
1
µA
0 V <
V
INH2 < 0.8 V
Watchdog and Reset Timing D2
Charge current
I
DC2
6.5
9.0
12.5
µA
V
D2 = 1 V
Discharge current
I
DD2
2.0
3.5
5.0
µA
V
D2 = 1 V
Upper timing
threshold
V
DU2
1.5
1.85
2.4
V
Lower timing
threshold
V
DL2
0.3
0.4
0.5
V
Saturation Voltage
V
D2,SAT
100
mV
V
Q2 < VRT2
Watchdog trigger
time
T
WI,tr
34
42
51
ms
C
D2 = 100 nF
Reset delay time
T
RD2
15
20
25
ms
C
D2 = 100 nF
Reset reaction time
T
rr
5.0
µs
C
D2 = 100 nF
Reset Output RO2
Reset switching
threshold
V
RT2
4.5
4.65
4.8
V
V
RT2/VQ2
90
93
96
%
Reset threshold
headroom
V
R2HEAD
200
350
500
mV
V
Q2 - VRT2
Reset output
sink current
I
RO2
1.6
mA
V
Q2 = 5 V, VD2 = 0 V;
V
RO2 = 0.3 V
Reset output
low voltage
V
RO2L
0.15
0.3
V
V
Q2 ≥ 1 V;
I
RO2 = 1 mA
Reset high voltage
V
RO2H
4.5
V
R
RO2,ext = 4.7 kΩ
Table 4
Electrical Characteristics (cont’d)
V
I1 = 13.5 V; VINH1 = VINH2 = 5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.


유사한 부품 번호 - TLE4473GV55-2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
355Kb / 17P
   Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
Rev. 1.2, 2008-10-28
TLE4473GV55-2 INFINEON-TLE4473GV55-2_08 Datasheet
355Kb / 17P
   Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
Rev. 1.2, 2008-10-28
More results

유사한 설명 - TLE4473GV55-2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
   Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
   Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com