전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4728G 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 TLE4728G
상세설명  2-Phase Stepper-Motor Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4728G 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4728G Datasheet HTML 2Page - Infineon Technologies AG TLE4728G Datasheet HTML 3Page - Infineon Technologies AG TLE4728G Datasheet HTML 4Page - Infineon Technologies AG TLE4728G Datasheet HTML 5Page - Infineon Technologies AG TLE4728G Datasheet HTML 6Page - Infineon Technologies AG TLE4728G Datasheet HTML 7Page - Infineon Technologies AG TLE4728G Datasheet HTML 8Page - Infineon Technologies AG TLE4728G Datasheet HTML 9Page - Infineon Technologies AG TLE4728G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TLE 4728 G
Data Sheet
6
2004-03-01
Note: In the operating range, the functions given in the circuit description are fulfilled.
For details see next four pages.
These parameters are not 100% tested in production, but guaranteed by design.
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply voltage
V
S
516
V
Case temperature
T
C
– 40
110
°C
Measured on pin 5
P
diss = 2 W
Output current
I
Q
– 800
800
mA
Logic inputs
V
IXX
– 5
6
V
IXX; Phase 1, 2
Error outputs
V
Err
I
Err
0
25
1
V
mA
Characteristics
V
S = 6 to 16 V; Tj = – 40 to 130 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Current Consumption
From +
V
S
From +
V
S
I
S
I
S
0.8
20
1.7
30
2.7
50
mA
mA
IXX = H
IXX = L;
I
Q1, 2 = 0 A
Oscillator
Output charging current
Charging threshold
Discharging threshold
Frequency
I
OSC
V
OSCL
V
OSCH
f
OSC
90
0.8
1.7
18
120
1.3
2.3
24
135
1.9
2.9
30
µA
V
V
kHz
C
OSC = 2.2 nF


유사한 부품 번호 - TLE4728G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4726 INFINEON-TLE4726 Datasheet
258Kb / 23P
   2-Phase Stepper-Motor Driver
1999-09-15
TLE4726G INFINEON-TLE4726G Datasheet
258Kb / 23P
   2-Phase Stepper-Motor Driver
1999-09-15
TLE4726G INFINEON-TLE4726G Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
TLE4726G INFINEON-TLE4726G Datasheet
469Kb / 15P
   0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
More results

유사한 설명 - TLE4728G

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com