전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13202 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 MC13202
상세설명  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13202 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  MC13202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MC13202/203 Technical Data, Rev. 0.0
4
Freescale Semiconductor
Supports star, mesh and tree networks
Advanced Encryption Standard (AES) 128-bit security
3
Block Diagrams
Figure 1 shows a simplified block diagram of the MC13202/MC13203 which is an IEEE Standard
802.15.4 compatible transceiver that provides the functions required in the physical layer (PHY)
specification. Figure 2 shows the basic system block diagram for the MC13202/MC13203 in an
application. Interface with the transceiver is accomplished through a 4-wire SPI port and interrupt request
line. The media access control (MAC), drivers, and network and application software (as required) reside
on the host processor. The host can vary from a simple 8-bit device up to a sophisticated 32-bit processor
depending on application requirements.
Figure 1. 802.15.4 modem Simplified Block Diagram
Phase Shift Modulator
RST
GPIO1
GPIO2
GPIO3
GPIO4
XTAL2
XTAL1
RFIN_M
(PAO_M)
PAO_P
PAO_M
MOSI
MISO
SPICLK
RXTXEN
CE
ATTN
GPIO5
GPIO6
GPIO7
Receive
Packet RAM
Transmit
Packet RAM 1
Transmit RAM
Arbiter
Receiv e RAM
Arbiter
PA
VCO
Crystal
Oscillator
Sy mbol
Generation
FCS
Generation
Header
Generation
Sequence
Manager
(Control Logic)
VDDLO2
÷4
256 MHz
2.45 GHz
LNA
1st IF Mix er
IF = 65 MHz
2nd IF Mix er
IF = 1 MHz PMA
Decimation
Filter
Matched
Filter
Baseband
Mix er
DCD
CCA
Packet
Processor
IRQ
Arbiter
24 Bit Ev ent Timer
IRQ
16 MHz
AGC
Analog
Regulator
VBATT
Digital
Regulator L
Digital
Regulator H
Power-Up
Control
Logic
Cry stal
Regulator
VCO
Regulator
VDDINT
Programmable
Prescaler
CLKO
4 Programmable
Timer Comparators
Synthesizer
VDDD
VDDVCO
VDDA
VDDLO1
Transmit
Packet RAM 2
T / R
RFIN_P
(PAO_P)
CT_Bias


유사한 부품 번호 - MC13202

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13202 FREESCALE-MC13202 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
MC13202FC FREESCALE-MC13202FC Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

유사한 설명 - MC13202

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com