전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCM162834 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AVCM162834
상세설명  18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCM162834 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AVCM162834 Datasheet HTML 1Page - NXP Semiconductors 74AVCM162834 Datasheet HTML 2Page - NXP Semiconductors 74AVCM162834 Datasheet HTML 3Page - NXP Semiconductors 74AVCM162834 Datasheet HTML 4Page - NXP Semiconductors 74AVCM162834 Datasheet HTML 5Page - NXP Semiconductors 74AVCM162834 Datasheet HTML 6Page - NXP Semiconductors 74AVCM162834 Datasheet HTML 7Page - NXP Semiconductors 74AVCM162834 Datasheet HTML 8Page - NXP Semiconductors 74AVCM162834 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74AVCM162834
18-bit registered driver with inverted register enable
and 15
Ω termination resistors (3-State)
2001 Apr 20
4
168-pin SDR SDRAM DIMM
The PLL clock distribution device and AVCM registered drivers reduce signal loads on the memory
controller and prevent timing delays and waveform distortions that would cause unreliable operation
74AVCM16834
PCK2509S or PCK2510S
74AVCM16834
BACK SIDE
FRONT SIDE
74AVCM16834
SW00407
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
(according to JEDEC Low Voltage Standards)
1.65
2.3
3.0
1.95
2.7
3.6
V
CC
DC supply voltage
(for low voltage applications)
1.2
3.6
VI
DC Input voltage range
0
3.6
V
DC output voltage range; output 3-State
0
3.6
VO
DC output voltage range;
output HIGH or LOW state
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
VCC = 1.65 to 2.3 V
0
30
tr, tf
Input rise and fall times
VCC = 2.3 to 3.0 V
0
20
ns/V
VCC = 3.0 to 3.6 V
0
10
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For all inputs1
–0.5 to 4.6
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage; output 3-State
Note 1
–0.5 to 4.6
V
VO
DC output voltage;
output HIGH or LOW state
Note 1
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 8 mW/K
600
mW
NOTE:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


유사한 부품 번호 - 74AVCM162834

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
More results

유사한 설명 - 74AVCM162834

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCM162836 PHILIPS-74AVCM162836 Datasheet
99Kb / 10P
   20-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
logo
NXP Semiconductors
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com