전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW840A 데이터시트(Datasheet) 4 Page - Fairchild Semiconductor

부품명 IRFW840A
상세내용  Advanced Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
IRFW/I840A
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS = 0 V
2. I
D = 250 µA
T
J
, Junction Temperature [
oC]
-75-50-25
0
25
50
75
100125150175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
@ Notes :
1. V
GS = 10 V
2. I
D = 4.0 A
T
J
, Junction Temperature [
oC]
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
DC
10
µs
100
µs
1 ms
10 ms
@ Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
V
DS
, Drain-Source Voltage [V]
25
50
75
100125150
0
2
4
6
8
10
T
c
, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. Z
θ JC
(t)=0.88
o C/W Max.
2. Duty Factor, D=t
1 /t2
3. T
JM -TC =PDM *Z
θ JC
(t)
t
1
, Square Wave Pulse Duration
[sec]
1&+$11(/
32:(5 026)(7
Fig 7. Breakdown Voltage vs. Temperature
Fig 8. On-Resistance vs. Temperature
Fig 11. Thermal Response
Fig 10. Max. Drain Current vs. Case Temperature
Fig 9. Max. Safe Operating Area
P
DM
t
1
t
2




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRF540AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFS530AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLM110AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLWI520AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFH9250LAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFP9640LAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFRU9310Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFS9Z34Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFWI9Z34Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STK830FAdvanced Power MOSFET 1 2 3 4 5 MoreAUK corp

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl