전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

IRFW840A 데이터시트(Datasheet) 1 Page - Fairchild Semiconductor

부품명 IRFW840A
상세내용  Advanced Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
IRFW/I840A
BV
DSS = 500 V
R
DS(on) = 0.85Ω
I
D = 8 A
500
8
5.1
32
±30
640
8
14.2
3.5
3.1
142
1.14
- 55 to +150
300
0.88
40
62.5
--
--
--
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ Lower Leakage Current: 10µA (Max.) @ V
DS = 500V
♦ Lower R
DS(ON): 0.638Ω (Typ.)
$GYDQFHG 3RZHU 026)(7
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
°C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
D2-PAK
1. Gate 2. Drain 3. Source
1
3
2
1
2
3
I2-PAK
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
Drain Current-Pulsed
(1)
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
(2)
Avalanche Current
(1)
Repetitive Avalanche Energy
(1)
Peak Diode Recovery dv/dt
(3)
Total Power Dissipation (TA=25°C)
Total Power Dissipation (TC=25°C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8 from case for 5-seconds
Characteristic
Value
Units
Symbol
IDM
VGS
EAS
IAR
EAR
dv/dt
PD
ID
TJ , TSTG
TL
A
V
mJ
A
mJ
V/ns
W
W
W/
°C
A
°C
VDSS
V
*
©1999 Fairchild Semiconductor Corporation
Rev. B




Html 페이지

1  2  3  4  5  6  7 


데이터시트



관련 부품명

부품명상세내용Html View제조사
IRF540AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFS530AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLM110AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRLWI520AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFH9250LAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFP9640LAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFRU9310Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFS9Z34Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SFWI9Z34Advanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STK830FAdvanced Power MOSFET 1 2 3 4 5 MoreAUK corp

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl