전자부품 데이터시트 검색엔진 |
|
SSR1N50A 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
SSR1N50A 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page N-CHANNEL POWER MOSFET Electrical Characteristics (T C=25 unless otherwise specified) Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coeff. Gate Threshold Voltage Gate-Source Leakage , Forward Gate-Source Leakage , Reverse Characteristic Symbol Max. Units Typ. Min. Test Condition Static Drain-Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain(“Miller”) Charge g fs C iss C oss C rss t d(on) t r t d(off) t f Q g Q gs Q gd BV DSS BV/ T J V GS(th) R DS(on) I GSS I DSS V V/ V nA A pF ns nC -- -- -- -- -- -- -- -- -- -- -- -- -- V GS=0V,ID=250 A I D=250 A See Fig 7 V DS=5V,ID=250 A V GS=30V V GS=-30V V DS=500V V DS=400V,TC=125 V GS=10V,ID=0.65A V DS=50V,ID=0.65A V DD=250V,ID=1.5A, R G=24 See Fig 13 V DS=400V,VGS=10V, I D=1.5A See Fig 6 & Fig 12 Drain-to-Source Leakage Current V GS=0V,VDS=25V,f =1MHz See Fig 5 Source-Drain Diode Ratings and Characteristics Continuous Source Current Pulsed-Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge I S I SM V SD t rr Q rr Characteristic Symbol Max. Units Typ. Min. Test Condition -- -- -- -- -- A V ns C Integral reverse pn-diode in the MOSFET T J=25 ,I S=1.3A,VGS=0V T J=25 ,I F=1.5A di F/dt=100A/ s ∆ ∆ ΟC Ω Ω µ O 4 O 5 ΟC µ µ ΟC O 4 O 4 O 4 O 4 O 1 Ω ΟC µ µ ΟC O 5 O 4 µ SSR/U1N50A 500 -- 2.0 -- -- -- -- -- 0.63 -- -- -- -- -- 30 11 12 13 42 15 11 1.6 5.5 -- -- 4.0 100 -100 10 100 5.5 -- 290 35 13 35 35 90 40 16 -- -- 1.04 220 -- -- -- 162 0.54 1.3 5 1.15 -- -- Notes ; Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature L=120mH, I AS=1.3A, VDD=50V, RG=27 , Starting T J =25 I SD 1.5A, di/dt 7 0A/ s, V DD BV DSS , Starting T J =25 Pulse Test : Pulse Width = 250 s, Duty Cycle 2% Essentially Independent of Operating Temperature < _ < _ < _ < _ O 1 O 2 O 3 O 4 O 5 Ω oC oC µ µ |
유사한 부품 번호 - SSR1N50A |
|
유사한 설명 - SSR1N50A |