전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-BG01-P0RYY 데이터시트(PDF) 2 Page - Agilent(Hewlett-Packard)

부품명 HLMP-BG01-P0RYY
상세설명  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-BG01-P0RYY 데이터시트(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-BG01-P0RYY Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Table 1. Device Selection Guide for AlInGaP II
Color and
Luminous
Luminous
Forward
Dominant
Intensity,
Intensity,
Voltage,
Leads
Wavelength
Iv (mcd) at
Iv (mcd) at
Vf (V)
with
Leadframe
Package
Part Number
λd (nm) Typ.
20 mA Min.
20 mA Max.
Max.
Stand-offs
Orientation
Drawing
HLMP-AD06-P00xx
Red 630
880
2.4
No
Parallel
A
HLMP-AD06-P0Txx
Red 630
880
2.6
No
Parallel
A
HLMP-AD16-P00xx
Red 630
880
2.4
Yes
Parallel
B
HLMP-AD16-P0Txx
Red 630
880
2.6
Yes
Parallel
B
HLMP-AD16-RS0xx
Red 630
1500
2500
2.6
Yes
Parallel
B
HLMP-AD16-RSTxx
Red 630
1500
2500
2.6
Yes
Parallel
B
HLMP-AD16-RU0xx
Red 630
1500
4200
2.4
Yes
Parallel
B
HLMP-AD16-RUTxx
Red 630
1500
4200
2.6
Yes
Parallel
B
HLMP-AD16-ST0xx
Red 630
1900
3200
2.4
Yes
Parallel
B
HLMP-AD16-STTxx
Red 630
1900
3200
2.6
Yes
Parallel
B
HLMP-AL06-L00xx
Amber 592
400
2.4
No
Parallel
A
HLMP-AL06-L0Rxx
Amber 592
400
2.6
No
Parallel
A
HLMP-AL06-N00xx
Amber 592
680
2.4
No
Parallel
A
HLMP-AL06-N0Rxx
Amber 592
680
2.6
No
Parallel
A
HLMP-AL16-N00xx
Amber 592
680
2.4
Yes
Parallel
B
HLMP-AL16-N0Rxx
Amber 592
680
2.6
Yes
Parallel
B
HLMP-AL16-PSRxx
Amber 592
880
2500
2.6
Yes
Parallel
B
HLMP-AL16-QR0xx
Amber 592
1150
1900
2.4
Yes
Parallel
B
HLMP-AL16-QRRxx
Amber 592
1150
1900
2.6
Yes
Parallel
B
HLMP-BD06-P00xx
Red 630
880
2.4
No
Perpendicular
C
HLMP-BD06-P0Txx
Red 630
880
2.6
No
Perpendicular
C
HLMP-BD06-RS0xx
Red 630
1500
2500
2.4
No
Perpendicular
C
HLMP-BD06-RSTxx
Red 630
1500
2500
2.6
No
Perpendicular
C
HLMP-BD16-P00xx
Red 630
880
2.4
Yes
Perpendicular
D
HLMP-BD16-P0Txx
Red 630
880
2.6
Yes
Perpendicular
D
HLMP-BD16-RU0xx
Red 630
1500
4200
2.4
Yes
Perpendicular
D
HLMP-BD16-RUTxx
Red 630
1500
4200
2.6
Yes
Perpendicular
D
HLMP-BD16-ST0xx
Red 630
1900
3200
2.4
Yes
Perpendicular
D
HLMP-BD16-STTxx
Red 630
1900
3200
2.6
Yes
Perpendicular
D
HLMP-BL06-N00xx
Amber 592
680
2.4
No
Perpendicular
C
HLMP-BL06-N0Rxx
Amber 592
680
2.6
No
Perpendicular
C
HLMP-BL06-QRKxx
Amber 592
1150
1900
2.4
No
Perpendicular
C
HLMP-BL06-QRSxx
Amber 592
1150
1900
2.6
No
Perpendicular
C
HLMP-BL16-N00xx
Amber 592
680
2.4
Yes
Perpendicular
D
HLMP-BL16-N0Rxx
Amber 592
680
2.6
Yes
Perpendicular
D
HLMP-BL16-PS0xx
Amber 592
880
2500
2.4
Yes
Perpendicular
D
HLMP-BL16-PSRxx
Amber 592
880
2500
2.6
Yes
Perpendicular
D


유사한 부품 번호 - HLMP-BG01-P0RYY

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BGXX AVAGO-HLMP-BGXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

유사한 설명 - HLMP-BG01-P0RYY

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com