전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846B 데이터시트(PDF) 4 Page - Weitron Technology

부품명 BC846B
상세설명  General Purpose Transistor NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC846B 데이터시트(HTML) 4 Page - Weitron Technology

  BC846B Datasheet HTML 1Page - Weitron Technology BC846B Datasheet HTML 2Page - Weitron Technology BC846B Datasheet HTML 3Page - Weitron Technology BC846B Datasheet HTML 4Page - Weitron Technology BC846B Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WEITRON
WE IT R ON
BC846A/B-BC847A/B/C
BC848A/B/C-BC849B/C
BC850B/C
http://www.weitron.com.tw
IC=
10mA
0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
20
0.4
0
2.0
1.6
1.2
0.8
IB, BASE CURRENT (mA)
Figure 9. Collector Saturation Region
20mA
50mA
100mA
200mA
TA=25 C
0.2
0.5
1.0
-2.0
5.0
10
20
50
100
200
1.0
1.4
1.8
2.2
2.6
3.3
Figure 10. Base-Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
qVB for VBE
-55 C to 125 C
0.1 0.2
0.5
1.0
2.0
5.0
10
50 100
20
20
10
40
8.0
6.0
4.0
2.0
VR, REVERSE VOLTAGE (VOLTS)
TA=25 C
Cib
Cob
Figure 11. Capacitance
1.0
10
100
Figure 12.Current-Gain-Bandwidth Product
IC, COLLECTOR CURRENT (mA)
500
200
100
50
20
VCE=5.0V
TA=25 C
5.0
50
0.1 0.2
1.0
10
100
2.0
1.0
0.5
0.2
IC, COLLECTOR CURRENT (mA)
Figure 7.DC Current Gain
VCE=5V
TA=25 C
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
IC, COLLECTOR CURRENT(mA)
Figure 8. "ON" Voltage
1.0
0.8
0.6
0.4
0.2
0
TA=25 C
VBE(sat)@IC/IB=10
VCE(sat)@IC/IB=10
VBE@VCE=-5.0V
BC846 Series


유사한 부품 번호 - BC846B

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC846B ONSEMI-BC846B Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Yea Shin Technology Co....
BC846B YEASHIN-BC846B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Diodes Incorporated
BC846B DIODES-BC846B Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
FutureWafer Tech Co.,Lt...
BC846B FUTUREWAFER-BC846B Datasheet
1Mb / 13P
   NPN Silicon Epitaxial General Purpose Transistors
logo
Micro Commercial Compon...
BC846B MCC-BC846B Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

유사한 설명 - BC846B

제조업체부품명데이터시트상세설명
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com