전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F2373 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74F2373
상세설명  Octal transparent latch with 30ohm equivalent output termination 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2373 데이터시트(HTML) 3 Page - NXP Semiconductors

  74F2373 Datasheet HTML 1Page - NXP Semiconductors 74F2373 Datasheet HTML 2Page - NXP Semiconductors 74F2373 Datasheet HTML 3Page - NXP Semiconductors 74F2373 Datasheet HTML 4Page - NXP Semiconductors 74F2373 Datasheet HTML 5Page - NXP Semiconductors 74F2373 Datasheet HTML 6Page - NXP Semiconductors 74F2373 Datasheet HTML 7Page - NXP Semiconductors 74F2373 Datasheet HTML 8Page - NXP Semiconductors 74F2373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F2373
Octal transparent latch with 30
Ω equivalent output
termination (3-State)
1999 Feb 01
3
IEC/IEEE SYMBOL
1
EN2
2D
EN1
1
11
3
4
7
8
13
14
17
18
2
5
6
12
9
15
16
19
SF00252
LOGIC DIAGRAM
VCC = Pin 20
D0
D
E
Q
Q0
3
2
D1
D
E
Q
Q1
4
5
D2
D
E
Q
Q2
7
6
D3
D
E
Q
Q3
8
9
D4
D
E
Q
Q4
13
12
D5
D
E
Q
Q5
14
15
D6
D
E
Q
Q6
17
16
D7
D
E
Q
Q7
18
19
11
1
OE
E
GND = Pin 10
SF00256
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING MODE
OE
E
Dn
REGISTER
Q0 - Q7
OPERATING MODE
L
H
L
L
L
Enable and read register
L
H
H
H
H
Enable and read register
L
l
L
L
Latch and read register
L
h
H
H
Latch and read register
L
L
X
NC
NC
Hold
H
L
X
NC
Z
Disable outputs
H
H
Dn
Dn
Z
Disable outputs
NOTES:
H =
High-voltage level
h
=
High state must be present one setup time before the high-to-low enable transition
L
=
Low-voltage level
l
=
Low state must be present one setup time before the high-to-low enable transition
NC=
No change
X =
Don’t care
Z =
High impedance “off ” state
↓ =
High-to-low enable transition


유사한 부품 번호 - 74F2373

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F20 NSC-74F20 Datasheet
140Kb / 6P
   Dual 4-Input NAND Gate
logo
NXP Semiconductors
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Fairchild Semiconductor
74F20 FAIRCHILD-74F20 Datasheet
48Kb / 4P
   Dual 4-Input NAND Gate
logo
National Semiconductor ...
74F20PC NSC-74F20PC Datasheet
140Kb / 6P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74F20PC FAIRCHILD-74F20PC Datasheet
48Kb / 4P
   Dual 4-Input NAND Gate
More results

유사한 설명 - 74F2373

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
   Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
74F2244 PHILIPS-74F2244 Datasheet
95Kb / 10P
   Octal buffer with 30ohm equivalent output termination 3-State
1994 Dec 5
74F2240 PHILIPS-74F2240 Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
logo
Renesas Technology Corp
HD74AC373 RENESAS-HD74AC373 Datasheet
136Kb / 10P
   Octal Transparent Latch with 3-State Output
logo
Hitachi Semiconductor
HD74AC373 HITACHI-HD74AC373 Datasheet
63Kb / 11P
   Octal Transparent Latch with 3-State Output
logo
Fairchild Semiconductor
DM74ALS563A FAIRCHILD-DM74ALS563A Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
logo
NXP Semiconductors
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com