전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSH10N80A 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 SSH10N80A
상세설명  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSH10N80A 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  SSH10N80A Datasheet HTML 1Page - Fairchild Semiconductor SSH10N80A Datasheet HTML 2Page - Fairchild Semiconductor SSH10N80A Datasheet HTML 3Page - Fairchild Semiconductor SSH10N80A Datasheet HTML 4Page - Fairchild Semiconductor SSH10N80A Datasheet HTML 5Page - Fairchild Semiconductor SSH10N80A Datasheet HTML 6Page - Fairchild Semiconductor SSH10N80A Datasheet HTML 7Page - Fairchild Semiconductor SSH10N80A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =LL IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BVDSS
E
AS =LL IAS
2
----
2
1
E
AS =LL IAS
2
----
2
1
----
2
1
--------------------
BV
DSS -- VDD
BVDSS
Vin
Vout
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
Vout
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
VGS
10V
Q
g
Qgs
Qgd
Charge
VGS
10V
Q
g
Qgs
Qgd
Vary t
p to obtain
required peak I
D
10V
V
DD
C
LL
V
DS
ID
RG
t
p
DUT
Vary t
p to obtain
required peak I
D
10V
V
DD
C
LL
V
DS
ID
RG
t
p
DUT
BVDSS
t
p
V
DD
IAS
VDS (t)
ID (t)
Time
BVDSS
t
p
V
DD
IAS
VDS (t)
ID (t)
Time
VDD
( 0.5 rated V
DS )
10V
V
out
Vin
R
L
DUT
RG
VDD
( 0.5 rated V
DS )
10V
V
out
Vin
R
L
DUT
RG
3mA
V
GS
Current Sampling (I
G)
Resistor
Current Sampling (I
D)
Resistor
DUT
V
DS
300nF
50K
200nF
12V
Same Type
as DUT
Current Regulator
R1
R2
3mA
V
GS
Current Sampling (I
G)
Resistor
Current Sampling (I
D)
Resistor
DUT
V
DS
300nF
50K
200nF
12V
Same Type
as DUT
Current Regulator
R1
R2
N-CHANNEL POWER MOSFET
SSH10N80A


유사한 부품 번호 - SSH10N80A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
SSH10N80A ISC-SSH10N80A Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - SSH10N80A

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com