전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL4756A 데이터시트(PDF) 2 Page - Weitron Technology

부품명 DL4756A
상세설명  Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DL4756A 데이터시트(HTML) 2 Page - Weitron Technology

  DL4756A Datasheet HTML 1Page - Weitron Technology DL4756A Datasheet HTML 2Page - Weitron Technology DL4756A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http://www.weitron.com.tw
DL4728A thru DL4761A
Absolute Maximum Ratings (Tj=25°C)
Parameter
Parameter
Parameter
Symbol
Value
Value
Unit
Power dissipation
Tamb ≤50°C
P V
1
W
Z-current
IZ
PV/VZ
mA
Junction temperature
T j
200
°C
Storage temperature range
T stg
-65~+175
°C
Maximum Thermal Resistance (Tj=25°C)
Symbol
Unit
Junction ambient
I=9.5mm (3/8”) T L=constant
RθJA
100
K/W
Electrical Characteristics (Tj=25°C)
Symbol
Min Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.2
-
-
V
2/3
24-Oct-05


유사한 부품 번호 - DL4756A

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
DL4756A RECTRON-DL4756A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
SeCoS Halbleitertechnol...
DL4756A SECOS-DL4756A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Formosa MS
DL4756A FORMOSA-DL4756A Datasheet
82Kb / 3P
   Zener diode
logo
Shenzhen Luguang Electr...
DL4756A LUGUANG-DL4756A Datasheet
496Kb / 3P
   Zener Diode
logo
Formosa MS
DL4756A FORMOSA-DL4756A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

유사한 설명 - DL4756A

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com