전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMPD0104 데이터시트(PDF) 2 Page - Bel Fuse Inc.

부품명 SMPD0104
상세설명  Surface Mount Power Cross Protection Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMPD0104 데이터시트(HTML) 2 Page - Bel Fuse Inc.

  SMPD0104 Datasheet HTML 1Page - Bel Fuse Inc. SMPD0104 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
SMP - TIME CURRENT CHARACTERISTIC CURVE
Type SMP
Surface Mount Power Cross Protection Fuse
SMPC0901
1000
100
10
1
0.1
0.01
10000
10
1000
100
10
100
1
0.1
0.01
20


유사한 부품 번호 - SMPD0104

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMPD VISHAY-SMPD Datasheet
240Kb / 9P
   Packaging Information
Revision: 01-Feb-13
logo
SeCoS Halbleitertechnol...
SMPD10100L SECOS-SMPD10100L Datasheet
246Kb / 2P
   100V, 10A Low VF Schottky Barrier Rectifiers
SMPD10100L SECOS-SMPD10100L Datasheet
140Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SMPD10100L SECOS-SMPD10100L_18 Datasheet
140Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SMPD10120L SECOS-SMPD10120L Datasheet
225Kb / 2P
   120V, 10A Low VF Schottky Barrier Rectifiers
More results

유사한 설명 - SMPD0104

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SMP BEL-SMP Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP2 BEL-SMP2 Datasheet
297Kb / 2P
   Surface Mount Power Cross Protection Fuse
SMP BEL-SMP_12 Datasheet
476Kb / 4P
   Surface Mount Power Cross Protection Fuse
logo
List of Unclassifed Man...
B0500T ETC1-B0500T Datasheet
454Kb / 2P
   Telefuse SMD Power Cross Protection Fuse
logo
Bourns Electronic Solut...
B0500T BOURNS-B0500T_09 Datasheet
309Kb / 2P
   Telefuse SMD Power Cross Protection Fuse
logo
Bel Fuse Inc.
RJS100 BEL-RJS100 Datasheet
91Kb / 2P
   Telecom - Power Cross Protection & Ballast Protection
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
   Surface Mount Fuse
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
   Surface Mount Fuse
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
   Surface Mount Fuse
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com