전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2302CPZ-REEL 데이터시트(PDF) 7 Page - Analog Devices

부품명 SSM2302CPZ-REEL
상세설명  Filterless High Efficiency Class-D Stereo Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2302CPZ-REEL 데이터시트(HTML) 7 Page - Analog Devices

Back Button SSM2302CPZ-REEL Datasheet HTML 3Page - Analog Devices SSM2302CPZ-REEL Datasheet HTML 4Page - Analog Devices SSM2302CPZ-REEL Datasheet HTML 5Page - Analog Devices SSM2302CPZ-REEL Datasheet HTML 6Page - Analog Devices SSM2302CPZ-REEL Datasheet HTML 7Page - Analog Devices SSM2302CPZ-REEL Datasheet HTML 8Page - Analog Devices SSM2302CPZ-REEL Datasheet HTML 9Page - Analog Devices SSM2302CPZ-REEL Datasheet HTML 10Page - Analog Devices SSM2302CPZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SSM2302
Rev. 0 | Page 7 of 20
SHUTDOWN VOLTAGE (V)
12
0
00.8
10
8
6
4
2
1.0
0
00.8
OUTPUT POWER (W)
VDD = 3.6V
RL = 8Ω, 33µH
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDD = 5V
VDD = 2.5V
VDD = 3.6V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Figure 9. Supply Current vs. Shutdown Voltage
1.6
0
2.5
5.0
SUPPLY VOLTAGE (V)
10%
1%
1.4
1.2
1.0
0.8
0.6
0.4
0.2
3.0
3.5
4.0
4.5
f = 1kHz
GAIN = 2
RL = 8Ω, 33µH
Figure 10. Maximum Output Power vs. Supply Voltage
100
0
01.4
OUTPUT POWER (W)
RL = 8Ω, 33µH
90
80
70
60
50
40
30
20
10
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 11. Efficiency vs. Output Power into 8 Ω
Figure 12. Power Dissipation vs. Output Power at VDD = 3.6 V
1.8
0
01
OUTPUT POWER (W)
.3
VDD = 5V
RL = 8Ω, 33µH
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Figure 13. Power Dissipation vs. Output Power at VDD = 5.0 V
400
0
01.6
OUTPUT POWER (W)
RL = 8Ω, 33µH
VDD = 3.6V
VDD = 2.5V
VDD = 5V
350
300
250
200
150
100
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Figure 14. Output Power vs. Supply Current, One Channel


유사한 부품 번호 - SSM2302CPZ-REEL

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SSM2302N SSC-SSM2302N Datasheet
150Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
Analog Devices
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
More results

유사한 설명 - SSM2302CPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823 Datasheet
168Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com